Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6460 Datasheet(PDF) 30 Page - STMicroelectronics

Part # L6460
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L6460 Datasheet HTML 26Page - STMicroelectronics L6460 Datasheet HTML 27Page - STMicroelectronics L6460 Datasheet HTML 28Page - STMicroelectronics L6460 Datasheet HTML 29Page - STMicroelectronics L6460 Datasheet HTML 30Page - STMicroelectronics L6460 Datasheet HTML 31Page - STMicroelectronics L6460 Datasheet HTML 32Page - STMicroelectronics L6460 Datasheet HTML 33Page - STMicroelectronics L6460 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 139 page
background image
Internal supplies
L6460
30/139
Doc ID 17713 Rev 1
4
Internal supplies
L6460 includes three internal regulators used to provide a regulated voltage to internal
circuits.
The internal regulators are the following:
- VSupplyInt regulator.
- Charge pump regulator.
- V3v3 regulator.
4.1
VSupplyInt regulator
VSupplyInt is the output of an internal regulator used to supply some internal circuits. This
regulator is not intended to provide external current so it must not be used to supply external
loads. An external capacitor must always be connected to this pin (preferably towards
VSupply pin), recommended value is in the range 80 ÷ 120 nF.
Figure 3.
VSupplyInt pin
The VSupplyInt pin may also be externally connected to VSupply pin by means of an external
resistor REXT: this allows REXT, particularly when VSupply is at the max values of the
operative supply range, to dissipate power that otherwise would be dissipated inside the
chip. The choice of the optimal resistor depends on the application since it is strictly
depending on both VSupply and the current used inside the chip (that is changing with the
chosen configuration).
R
EXT could be chosen by applying this formula: REXT = (VSupply min - VS_Int max)/(IS_Int max).
I
S_Int max is depending from the chosen configuration and represents the total current needed
by the circuits connected to this pin.
For example, with V
Supply = 32 V and IS_Int = 12 mA a typical resistor value is 1 kΩ.
VsupplyInt
IS_Int_TYP
Vsupply
GND
internal
circuits
L6460
L6460



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com