Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6460 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L6460
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L6460 Datasheet HTML 27Page - STMicroelectronics L6460 Datasheet HTML 28Page - STMicroelectronics L6460 Datasheet HTML 29Page - STMicroelectronics L6460 Datasheet HTML 30Page - STMicroelectronics L6460 Datasheet HTML 31Page - STMicroelectronics L6460 Datasheet HTML 32Page - STMicroelectronics L6460 Datasheet HTML 33Page - STMicroelectronics L6460 Datasheet HTML 34Page - STMicroelectronics L6460 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 139 page
background image
L6460
Internal supplies
Doc ID 17713 Rev 1
31/139
4.2
Charge pump regulator
L6460 implements a charge pump regulator to generate a voltage over VSupply.This voltage
is used to drive internal circuits and the external FET driver and cannot be used for any
other purpose.
This circuit is always under the supervisory circuit control, so no regulator can start before
the VPump voltage reaches its undervoltage rising threshold. If VPump voltage falls down
below its under voltage falling threshold, all the regulators will be switched off.
The charge pump circuit is disabled when L6460 is in “low power mode”.
Figure 4.
Charge pump block diagram
An example of capacitors value is:
C
FLY = 100 nF and CBOOST = 1 µF
4.3
V3v3 regulator
V3v3 is the output of an internal regulator used to supply some low voltage internal circuits.
This regulator is not intended to provide external current so it must not be used to supply
external loads. An external capacitor must always be connected from this pin to GND,
recommended value is in the range 80 ÷ 120 nF.
Driver
CFLY
-
+
CPH
VSupply
CPL
VPump
CBOOST
CLKBOOST
EnVPump
Ref
M1
M2
VSupplyInt
for VSupply lower than 15V,
external diodes are required



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com