Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6460 Datasheet(PDF) 22 Page - STMicroelectronics

Part # L6460
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L6460 Datasheet HTML 18Page - STMicroelectronics L6460 Datasheet HTML 19Page - STMicroelectronics L6460 Datasheet HTML 20Page - STMicroelectronics L6460 Datasheet HTML 21Page - STMicroelectronics L6460 Datasheet HTML 22Page - STMicroelectronics L6460 Datasheet HTML 23Page - STMicroelectronics L6460 Datasheet HTML 24Page - STMicroelectronics L6460 Datasheet HTML 25Page - STMicroelectronics L6460 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 139 page
background image
Electrical specifications
L6460
22/139
Doc ID 17713 Rev 1
tdelay
Current limit
delay time
5
μs
tOC_off
Over current Off time
MtrXIlimitOffTimeY[1:0]=00
MtrXIlimitOffTimeY[1:0]=01
MtrXIlimitOffTimeY[1:0]=10
MtrXIlimitOffTimeY[1:0]=11
(19)
60
120
240
480
µs
µs
µs
µs
tr1_2
Output rise time
bridges 1 and 2
VSupply = 36V, resistive load
between outputs:
R= 25
Ω(20)
100
180
250
ns
tr3_4
Output rise time
bridges 3 and 4
VSupply = 36V, resistive load
between outputs:
R= 36
Ω(20)
50
100
200
ns
tf1_2
Output fall time
bridges 1 and 2
VSupply = 36V, resistive load
between outputs:
R= 25
Ω(20)
100
180
250
ns
tf3_4
Output fall time
bridges 3 and 4
VSupply = 36V, resistive load
between outputs:
R= 36
Ω(20)
50
125
250
ns
tdeadRise
Anti crossover rising dead time
100
300
450
ns
tdeadFall
Anti crossover falling dead
time
100
300
450
ns
FPWM
Operating frequency
Fosc/51
2
kHz
tresp
Delay from PWM to output
transition
500
ns
Bipolar stepper circuitry
VSTEPREF
Reference voltage
SelStepRef =0
SelStepRef =1
0.48
0.72
0.50
0.75
0.52
0.78
V
Voffset
Sense comparator offset
-12
12
mV
tblk
Blanking time
StepBlkTime = ‘00’ (8)
0.65
0.95
1.25
µs
StepBlkTime = ‘01’
1
1.45
1.9
µs
StepBlkTime = ‘10’
1.5
2.25
3
µs
StepBlkTime = ‘11’
3
4.25
5.5
µs
Synchronous buck regulator (bridge 3)
VAUX_SW
Output pin voltage range
(DC3x)
(26)
-1
VSupply
V
IQ
Output leakage current
Tjunction = 125°C
-50
+50
µA
IQLP
Output leakage current in “Low
Power Mode”
VSupply = 36V
Tjunction = 125°C
-10
+10
µA
Table 5.
Electrical characteristics (continued)
Parameter
Description
Test condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com