Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6460 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6460
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6460 Datasheet HTML 10Page - STMicroelectronics L6460 Datasheet HTML 11Page - STMicroelectronics L6460 Datasheet HTML 12Page - STMicroelectronics L6460 Datasheet HTML 13Page - STMicroelectronics L6460 Datasheet HTML 14Page - STMicroelectronics L6460 Datasheet HTML 15Page - STMicroelectronics L6460 Datasheet HTML 16Page - STMicroelectronics L6460 Datasheet HTML 17Page - STMicroelectronics L6460 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 139 page
background image
L6460’s main features
L6460
14/139
Doc ID 17713 Rev 1
2
L6460’s main features
L6460 includes the following circuits:
●
Four widely configurable full bridges:
–
Bridges 1 and 2:
–
Diagonal RDSon: 0.6 Ω typ.
–
Max operative current = 2.5 A.
–
Bridges 3 and 4:
–
Diagonal RDSon: 0.85 Ω typ.
–
Max operative current = 1.5 A.
●
Possible configurations for each bridge are the following:
–
Bridge 1:
–
DC motor driver.
–
Super DC (bridge 1 and 2 paralleled form superbridge1).
–
2 independent half bridges.
–
1 super half bridge (bridge 1 side A and bridge 1 side B paralleled form
superhalfbridge1).
–
2 independent switches (high or low side).
–
1 super switch (high or low side).
–
Bridge 2 has the same configurations of bridge 1.
–
Bridge 3 has the same configurations of bridge 1 (bridge 3 and 4 paralleled form
superbridge2) plus the following:
–
½ stepper motor driver.
–
2 buck regulators (VAUX1_SW, VAUX2_SW).
–
1 Super buck regulator (VAUX1//2_SW).
–
Bridge 4 has the same configurations of bridge 1 plus the following:
–
½ stepper motor driver.
–
1 super buck regulator (VAUX3_SW).
–
Battery charger.
●
One buck type switching regulator (VSWmain) with:
–
Output regulated voltage range: 1-5 Volts.
–
Output load current: 3.0 A.
–
Internal output power DMOS.
–
Internal soft start sequence.
–
Internal PWM generation.
–
Switching frequency: ~250
kHz.
–
Pulse skipping strategy control.
●
One switching regulator controller (VSWDRV) with:
–
Output regulated voltage range: 1-30 Volts.
–
Selectable current limitation.
–
Internal PWM generation.
–
Pulse skipping strategy control.
●
One linear regulator (VLINmain) that can be used to generate low current/low ripple



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com