Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6460 Datasheet(PDF) 24 Page - STMicroelectronics

Part # L6460
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L6460 Datasheet HTML 20Page - STMicroelectronics L6460 Datasheet HTML 21Page - STMicroelectronics L6460 Datasheet HTML 22Page - STMicroelectronics L6460 Datasheet HTML 23Page - STMicroelectronics L6460 Datasheet HTML 24Page - STMicroelectronics L6460 Datasheet HTML 25Page - STMicroelectronics L6460 Datasheet HTML 26Page - STMicroelectronics L6460 Datasheet HTML 27Page - STMicroelectronics L6460 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 139 page
background image
Electrical specifications
L6460
24/139
Doc ID 17713 Rev 1
VCurrRef
Battery charger control loop
feedback reference current
SelCurrRef = ‘00’ (8)
0.873
0.9
0.927
V
SelCurrRef = ‘01’
1.394
1.437
1.48
V
SelCurrRef = ‘10’
1.746
1.8
1.854
V
SelCurrRef = ‘11’
2.182
2.25
2.318
V
Vout
Output voltage range
VSupply = 36V
(27)
1.412
30
V
Iload
Output load current
VSupply = 36V
0.002
3
A
RDSon
Internal high/low side RDSon
Tjunction = 125°C;
ILOAD = 1.5A
0.3
0.4
Ω
Vloop
Loop voltage accuracy
±3%
VBC_UV_f
Under voltage falling threshold (28)
84.5
87
89.5
%
VBC_UV_r
Under voltage rising threshold
(28)
90.5
93
95.5
%
VBC_UV_hys
Under voltage hysteresis
6
%
taux_UV
Under voltage deglitch filter
5
µs
Ilimit
Current limit protection
3.2
5
A
tdeglitch
Current limit deglitch time
50
ns
tI_lim
Current limit response time
Normal operating mode
(no UV) (11)
480
700
ns
tI_limUV
Current limit response time in
UV condition.
UV condition (12)
350
500
ns
tr
Switching output rise time
VSupply = 36V,
RLOAD = 422 Ω
(25)
530
ns
tf
Switching output fall time
VSupply = 36V,
RLOAD = 10 Ω
(25)
10
50
ns
tdead
Crossover dead time
100
ns
FBCPWM
Operating frequency
Fosc/64
kHz
ADC with A2DType=0 (29)
IMR
Measurement range
A2dType = 0
0
V3v3
V
INL
Integral non-linearity
A2dType = 0(30)(31)
±2
LSB
DNL
Differential non-linearity
A2dType = 0(32)(31)
±2
LSB
OE
Offset error
A2dType = 0(33)
±4
LSB
OEDrift
Offset error drift
A2dType = 0 over time
and temperature
±3
LSB
GE
Gain error
A2dType = 0(34)
±4
LSB
GEDrift
Gain error drift
A2dType = 0 over time
and temperature
±4
LSB
tconv
Minimum conversion time
55
µs
Resolution
(35)
8bits
Table 5.
Electrical characteristics (continued)
Parameter
Description
Test condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com