Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6460 Datasheet(PDF) 78 Page - STMicroelectronics

Part # L6460
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460 Datasheet(HTML) 78 Page - STMicroelectronics

Back Button L6460 Datasheet HTML 74Page - STMicroelectronics L6460 Datasheet HTML 75Page - STMicroelectronics L6460 Datasheet HTML 76Page - STMicroelectronics L6460 Datasheet HTML 77Page - STMicroelectronics L6460 Datasheet HTML 78Page - STMicroelectronics L6460 Datasheet HTML 79Page - STMicroelectronics L6460 Datasheet HTML 80Page - STMicroelectronics L6460 Datasheet HTML 81Page - STMicroelectronics L6460 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 139 page
background image
Power bridges
L6460
78/139
Doc ID 17713 Rev 1
Figure 23.
Simple buck regulator
When this control loop is intended to be used as a simple buck regulator, the proper
Aux3BatteryCharge bit must be written in the Aux3SwCfg1 register.
The regulator will also implement a soft start strategy.
When L6460 “low power mode” is enabled this regulator will be disabled.
Here after are summarized the primary features of the regulator:
–
Internal power switch.
–
Nonlinear pulse skipping control.
–
Internally generated PWM (250 KHz switching frequency).
–
Cycle by cycle current limiting using internal current sensor/ external current
sense differential amplifier.
–
Protected against load short circuit.
–
Soft start circuitry to limit inrush current flow from primary supply.
–
Under voltage signal (both continuous and latched) accessible through SPI.
–
Over temperature protection.
In pulse skipping control PWM the duty cycle must be decided by the user depending on
supply voltage and regulated voltage.
Therefore the switching regulator has 4 possible PWM duty cycles that can be changed
writing in the Aux3PWMTable[1:0] bits in the Aux3SwCfg1 register according to the
Table 31.
IREF_FB
VREF_FB
COMP_I
COMP_V
PULSE SKIPPING
BURST
CONTROL LOGIC
PEAK CURRENT
MODE CONTROL
LOGIC
BRIDGE 4
PARALLELED
POWER
STAGE
SelFBRef<1:0>
DC4_plus
DC4_minus
SelCurrRef<1:0>
TO
LOAD
FBRef
CurrRef
Ilimit
PWM
L6460



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com