Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6460 Datasheet(PDF) 61 Page - STMicroelectronics

Part # L6460
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button L6460 Datasheet HTML 57Page - STMicroelectronics L6460 Datasheet HTML 58Page - STMicroelectronics L6460 Datasheet HTML 59Page - STMicroelectronics L6460 Datasheet HTML 60Page - STMicroelectronics L6460 Datasheet HTML 61Page - STMicroelectronics L6460 Datasheet HTML 62Page - STMicroelectronics L6460 Datasheet HTML 63Page - STMicroelectronics L6460 Datasheet HTML 64Page - STMicroelectronics L6460 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 139 page
background image
L6460
Power bridges
Doc ID 17713 Rev 1
61/139
14.1.2
Parallel configuration (super bridge)
Bridges 1, 2, 3 and 4 can be configured to be used two by two (1 plus 2, 3 plus 4) as one
super bridge thus enabling the driving of loads (motors) requiring high currents. In this
configuration the half bridges will be paralleled and will work as one phase of the super-
bridge just created: the two phases + will become phase + of the newly created super-
bridge while the two phases - will become phase –.
Figure 16.
Super bridge configuration
When this configuration is chosen for bridges 1 (3) and 2 (4), the resulting bridge will use the
driving logic of bridge 1 (3) so for programming it must be used the bridge 1 (3) control and
status bits (direction, PWM, ...): i.e. the used PWM signal will be chosen by
Mtr1SideAPwmSel[1:0] (Mtr3SideAPwmSel[1:0]) bits in SPI.
If the bridges are not configured to be used in parallel, each side of the bridge will use the
PWM selected by the respective MtrXPWMYSel[1:0] bits in the SPI, but if one of the two
drivers is configured as a full bridge only one of the two selected PWM will be used to drive
the motor and this is the PWM chosen for side A.
In order to avoid any problem coming from different propagation times of PWM signals the
anti-crossover dead times are slightly increased when the bridges are paralleled.
14.1.3
Half bridge configuration
Each bridge can be configured to be used as 2 independent half bridges or as 1 super half
bridge (see Figure 17). It is also possible to parallel more than one bridge and use all of
them as a single super half bridge.
PH
-
PH
+
PH
+
PH
-
M
Bridge 2 (4)
Super Bridge
Bridge 1 (3)
PH
-
PH
+
PH
+
PH
-
M
Bridge 2 (4)
Super Bridge
Bridge 1 (3)
Parallel Full Bridge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com