Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6460 Datasheet(PDF) 59 Page - STMicroelectronics

Part # L6460
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button L6460 Datasheet HTML 55Page - STMicroelectronics L6460 Datasheet HTML 56Page - STMicroelectronics L6460 Datasheet HTML 57Page - STMicroelectronics L6460 Datasheet HTML 58Page - STMicroelectronics L6460 Datasheet HTML 59Page - STMicroelectronics L6460 Datasheet HTML 60Page - STMicroelectronics L6460 Datasheet HTML 61Page - STMicroelectronics L6460 Datasheet HTML 62Page - STMicroelectronics L6460 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 139 page
background image
L6460
Power bridges
Doc ID 17713 Rev 1
59/139
14.1
Possible configurations
The selection of the bridge configuration is done through SPI, by writing the MtrXTable[1:0]
bits in the MtrXCfg register. The table below shows the correspondence between
MtrXTable[1:0] bits and the bridge configuration.
Bridge 1 & 2 can be paralleled by means of Mtr1_2Parallel bit in the Mtr1_2Cfg register:
Bridge 1 and 2 paralleled will form superbridge1, bridge X side A and bridge X side B
paralleled form SuperHalfBridgeX or SuperSwitchX.
Bridge 3 & 4 can be configured by means of Mtr3_4CfgTable[1:0] bits in the Mtr3_4Cfg
register according to following table:
The possible configurations for the bridges are described in the following.
Table 16.
Bridge selection
MtrXTable[1]
MtrXTable[0]
Bridge configuration
00
Full bridge
0
1
High or low side switch
1
0
Half bridge
1
1
High or low side switch
Table 17.
Bridge 3 and 4 configuration
Mtr3_4CfgTable[1]
Mtr3_4CfgTable[0]
Bridge 3 and 4 configuration
0
0
Two independent bridges
0
1
Two bridges in parallel
1
0
Stepper motor
1
1
Stepper motor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com