Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6460 Datasheet(PDF) 68 Page - STMicroelectronics

Part # L6460
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button L6460 Datasheet HTML 64Page - STMicroelectronics L6460 Datasheet HTML 65Page - STMicroelectronics L6460 Datasheet HTML 66Page - STMicroelectronics L6460 Datasheet HTML 67Page - STMicroelectronics L6460 Datasheet HTML 68Page - STMicroelectronics L6460 Datasheet HTML 69Page - STMicroelectronics L6460 Datasheet HTML 70Page - STMicroelectronics L6460 Datasheet HTML 71Page - STMicroelectronics L6460 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 139 page
background image
Power bridges
L6460
68/139
Doc ID 17713 Rev 1
An internal DAC is used to digitally control the output regulated current. The available values
are chosen to provide a quasi sinusoidal profile of the current. The current limit in each
phase is decided by PhADAC[3:0] bits for phase A and PhBDAC[3:0] bits for phase B. The
table below describes the relation between the value programmed in the stepper DAC and
the current level.
Note:
The min and max values are guaranteed by testing the percentage of VSTEPREF that
allows the commutation of the Rsense comparator.
IMAX=VSTEPREF/ RSENSE.
To obtain the best phase approximation of a sinusoidal wave, the user needs to repeat the
final (100%) value. So the full values sequence should be as follows: 0, 1, 2, 3 … D, E, F, F,
F, E, D … 3, 2, 1, 0.
Even if the total spread shows overlapping between current steps, the monotonicity is
guaranteed by design.
When the internal sequencer the minimum angle resolution is nominally 5.625°, so
depending on the control mode chosen, the selectable steps are Table 25.
Table 24.
DAC
PhXDAC [3:0]
Phase current ratio respect to IMAX
Min
Typ
Max
Unit
0000
(Hi-Z)
0001
-
9.8
-
% of IMAX
0010
-
19.5
-
% of IMAX
0011
-
29.0
-
% of IMAX
0100
-
38.3
-
% of IMAX
0101
-
47.1
-
% of IMAX
0110
-
55.6
-
% of IMAX
0111
-
63.4
-
% of IMAX
1000
-
70.7
-
% of IMAX
1001
-
77.3
-
% of IMAX
1010
-
83.1
-
% of IMAX
1011
-
88.2
-
% of IMAX
1100
-
92.4
-
% of IMAX
1101
-
95.7
-
% of IMAX
1110
-
98.1
-
% of IMAX
1111
-
IMAX
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com