Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6460 Datasheet(PDF) 86 Page - STMicroelectronics

Part # L6460
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button L6460 Datasheet HTML 82Page - STMicroelectronics L6460 Datasheet HTML 83Page - STMicroelectronics L6460 Datasheet HTML 84Page - STMicroelectronics L6460 Datasheet HTML 85Page - STMicroelectronics L6460 Datasheet HTML 86Page - STMicroelectronics L6460 Datasheet HTML 87Page - STMicroelectronics L6460 Datasheet HTML 88Page - STMicroelectronics L6460 Datasheet HTML 89Page - STMicroelectronics L6460 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 139 page
background image
Current DAC circuit
L6460
86/139
Doc ID 17713 Rev 1
The current DAC has three possible current ranges that can be selected using the
DacRange[1:0] bits in the CurrDacCtrl register. The DAC range selection table is shown in
Table 35.
By changing LSB current value, all steps will change following this relation:
Istep(N) = N * ILSB
where N is the value of DacValue[5:0] bits.
Table 35.
Current DAC truth table
DacRange[1]
DacRange[0]
LSB typical current
ILSB typ
Full scale typical
current IFULL typ
0
0
Disabled
Disabled
0
1
10 µA
0.63 mA
1
0
100 µA
6.3 mA
11
1 mA
63 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com