Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6460 Datasheet(PDF) 123 Page - STMicroelectronics

Part # L6460
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460 Datasheet(HTML) 123 Page - STMicroelectronics

Back Button L6460 Datasheet HTML 119Page - STMicroelectronics L6460 Datasheet HTML 120Page - STMicroelectronics L6460 Datasheet HTML 121Page - STMicroelectronics L6460 Datasheet HTML 122Page - STMicroelectronics L6460 Datasheet HTML 123Page - STMicroelectronics L6460 Datasheet HTML 124Page - STMicroelectronics L6460 Datasheet HTML 125Page - STMicroelectronics L6460 Datasheet HTML 126Page - STMicroelectronics L6460 Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 139 page
background image
L6460
GPIO pins
Doc ID 17713 Rev 1
123/139
22.13
GPIO[12]
The GPIO[12] truth table is (for the abbreviation list please refer to Table 40.
Table 53.
GPIO[12] truth table
AUX2enable
or
AUX2syste
m (1)
1.
AUX2Enable or AUX2System bit =1 represent the case in which AUX2 is used as a regulator (system or
not system).
Op2En
PlusPin
GPIO[12] SPI bits
Function
Note
GpioOut
enable[12]
Mode[2]
Mode[1]
Mode[0]
1
X
X
X
X
X
RegLoop2
01
X
X
X
X
OpAmp2 in+
(2)
2.
When Op2EnPlusPin = ‘1’ the GpioOutEnable[11] bit is forced to 0.
0
0
0
X
X
X
HiZ (SPI_IN)
0
0
1
0
0
0
SPI OUT
(3)
3.
In all configurations in which GPIO[12] is enabled as output:
a) the GPIO[12] pin can be always used as an analog input to the ADC system (ADC function) by writing
its address in the A2DChannelX[4:0] in the A2DConfigX register and starting a conversion;
b) the GPIO[12] pin can be always used as a digital input so its value can be always read through SPI
interface (SPI_IN function);
c)
please note that GPIO[12] output is directly connected to StepCmd input for stepper driver and
therefore particular care must be taken in order to avoid wrong PWM signals when StepCmd is
selected for stepper driver (STEP_REQUEST function)
d) the GPIO[12] pin is a rail to rail, back to back output supplied by VGPIO_SPI.
0
0
1
0
0
1
Interrupt Ctrl
(3)
0
0
1
0
1
0
Comp2OUT
(3)
0
0
1
0
1
1
RegLoop2
(3)
0
0
1
1
0
0
Interrupt Ctrl inverted
(3)
0
0
1
1
0
1
Comp2OUT inverted
(3)
0
0
1
1
1
1
RegLoop2 inverted
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com