Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6460 Datasheet(PDF) 137 Page - STMicroelectronics

Part # L6460
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460 Datasheet(HTML) 137 Page - STMicroelectronics

Back Button L6460 Datasheet HTML 131Page - STMicroelectronics L6460 Datasheet HTML 132Page - STMicroelectronics L6460 Datasheet HTML 133Page - STMicroelectronics L6460 Datasheet HTML 134Page - STMicroelectronics L6460 Datasheet HTML 135Page - STMicroelectronics L6460 Datasheet HTML 136Page - STMicroelectronics L6460 Datasheet HTML 137Page - STMicroelectronics L6460 Datasheet HTML 138Page - STMicroelectronics L6460 Datasheet HTML 139Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 137 / 139 page
background image
L6460
Package mechanical data
Doc ID 17713 Rev 1
137/139
26
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
Figure 51.
TQFP64 mechanical data an package dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.20
0.0472
A1
0.05
0.15
0.002
0.006
A2
0.95
1.00
1.05
0.0374 0.0393 0.0413
b
0.17
0.22
0.27
0.0066 0.0086 0.0086
c
0.09
0.20
0.0035
0.0078
D
11.80
12.00
12.20
0.464
0.472
0.480
D1
9.80
10.00
10.20
0.386
0.394
0.401
D2
2.00
0.787
D3
7.50
0.295
E
11.80
12.00
12.20
0.464
0.472
0.480
E1
9.80
10.00
10.20
0.386
0.394
0.401
E2
2.00
0.787
E3
7.50
0.295
e
0.50
0.0197
L
0.45
0.60
0.75
0.0177 0.0236 0.0295
L1
1.00
0.0393
k
0˚3.5˚7˚
0˚3.5˚7˚
ccc
0.080
0.0031
TQFP64 (10x10x1.0mm)
Exposed Pad Down
7278840 B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com