Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8650 Datasheet(PDF) 8 Page - ams AG

Part # AS8650
Description  High-efficient Power Management Device with High-speed CAN Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8650 Datasheet(HTML) 8 Page - ams AG

Back Button AS8650 Datasheet HTML 4Page - ams AG AS8650 Datasheet HTML 5Page - ams AG AS8650 Datasheet HTML 6Page - ams AG AS8650 Datasheet HTML 7Page - ams AG AS8650 Datasheet HTML 8Page - ams AG AS8650 Datasheet HTML 9Page - ams AG AS8650 Datasheet HTML 10Page - ams AG AS8650 Datasheet HTML 11Page - ams AG AS8650 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
www.austriamicrosystems.com/AS8650
Revision 1.0
8 - 46
AS8650
Datasheet - Electrical Character i s t ics
6.1 Electrical System Specification
-40°C < TJ < 150°C
6.2 DCDC Converter
-40°C < TJ < 150°C; all voltages are with respect to ground, normal operating mode, unless otherwise mentioned.
Ilil
Pull-up current
TxD pulled up to VLDO1 with control
RxD pulled up to VLDO1
-60
-15
µA
RxD
VOH
High level output voltage
2.5
V
VOL
Low level output voltage
0.4
V
IO
Output drive current
VSUP ≥ 6V
1
mA
Ilil
Pull-up current
TxD pulled up to VLDO1 with control
RxD pulled up to VLDO1
-60
-15
µA
Table 4. Electrical System Specification
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IDDnom
Current consumption normal mode
No load, VSUP = 12V, CAN recessive
3.5
6
mA
IDDrecv
Current consumption receive-only mode
No load, VSUP = 12V, CAN recessive
1
2
mA
IDDstby
Current consumption standby mode
No load, VSUP = 12V
135
270
µA
IDDsleep
Current consumption sleep mode
No load, VSUP = 12V
75
150
µA
Table 5. DCDC Converter
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VSUP
Battery Voltage Range
6
12
18
V
V5V
Output Voltage
For inductor 22µH and capacitor 100µF
4.75
5
5.25
V
ILXS
LX current limit
0.8
1
1.25
A
IV5V
DCDC output current
500
mA
RON
LX switch on-resistance
(bondwire resistance included)
0.8
1
Ω
VFB
Reference Voltage for FB
4.75
5
5.25
V
Lireg_dc
Line regulation
Step from VIN = 6V to VIN2 = 18V,
ILOAD = 100mA
Lireg = 100*(VOUT1-VOUT2) /
[VOUT2*(VIN1-VIN2)]
-0.1
+0.1
% / V
Loreg_dc
Load regulation
ILOAD step from 90mA to 10mA
VSUP = 12V
Loreg = 100*(V_90mA-V_10mA) / V_90mA
-0.9
+0.9
%
LX_ind
Output inductor
10
22
µH
V5V_cer1
Output ceramic capacitor 1
10
100
µF
V5V_esr1
ESR of ceramic capacitor 1
0
0.05
Ω
V5V_cer2
Output ceramic capacitor 2
X7R type
100
220
nF
V5V_esr2
ESR of ceramic capacitor 2
0.01
Ω
Csup
Input capacitor (ceramic)
For EMC suppression
22
100
µF
Csup_esr
1
Ω
Table 3. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com