Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8650 Datasheet(PDF) 37 Page - ams AG

Part # AS8650
Description  High-efficient Power Management Device with High-speed CAN Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8650 Datasheet(HTML) 37 Page - ams AG

Back Button AS8650 Datasheet HTML 33Page - ams AG AS8650 Datasheet HTML 34Page - ams AG AS8650 Datasheet HTML 35Page - ams AG AS8650 Datasheet HTML 36Page - ams AG AS8650 Datasheet HTML 37Page - ams AG AS8650 Datasheet HTML 38Page - ams AG AS8650 Datasheet HTML 39Page - ams AG AS8650 Datasheet HTML 40Page - ams AG AS8650 Datasheet HTML 41Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
www.austriamicrosystems.com/AS8650
Revision 1.0
37 - 46
AS8650
Datasheet - Application In form atio n
8.3.1 System Specification and Timings
Table 20. System Timing Parameters
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Wake-up Timing
Tdom(wake)
Minimum dominant pulse for CAN
wake-up detection (remote wake)
5µs
Trec(wake)
Minimum recessive pulse for CAN
wake-up detection (remote wake)
5µs
TL_wake
Time between edge on WAKE pin to
local wake detection
32
µs
TLW_filter
Time between edge on WAKE pin to
WAKE_LOCAL signal
(Filter on WAKE pin)
0.75
5
µs
TR_wake
Remote wake detection time from the
valid pattern detection
24
µs
TINTN
INTN pin high time
7µs
V_LWUTH
Local WAKE threshold input
24
V
Local Failure Related Timing
TTxDC(dom)
TxD dominant time-out period
600
1000
1400
µs
TBUSC(dom) BUS dominant clamping time-out period
600
1000
1400
µs
Watchdog Timing & Timeouts
TWD(init)
Start-up Watchdog time-out
(initialization time)
300
ms
Twd_trig
Window watchdog Trigger window
Twwd_period is defined in WWD
register
0.375
0.5
0.625
Twwd_period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com