Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8650 Datasheet(PDF) 19 Page - ams AG

Part # AS8650
Description  High-efficient Power Management Device with High-speed CAN Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8650 Datasheet(HTML) 19 Page - ams AG

Back Button AS8650 Datasheet HTML 15Page - ams AG AS8650 Datasheet HTML 16Page - ams AG AS8650 Datasheet HTML 17Page - ams AG AS8650 Datasheet HTML 18Page - ams AG AS8650 Datasheet HTML 19Page - ams AG AS8650 Datasheet HTML 20Page - ams AG AS8650 Datasheet HTML 21Page - ams AG AS8650 Datasheet HTML 22Page - ams AG AS8650 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
www.austriamicrosystems.com/AS8650
Revision 1.0
19 - 46
AS8650
Datasheet - Detailed Descr i p ti on
7.5 DCDC Converter
The high-efficiency, high-voltage, hysteretic step-down DCDC converter, operates in asynchronous mode and delivers 500mA of output load to
drive the three internal LDOs and the CAN Transceiver. The low-power architecture extends hold-up time in battery-backed and critical
applications where maximum up-time over a wide input supply voltage range is needed, while still providing for high efficiencies of up to 90%
during peak current demands.
7.6 Voltage Regulator LDO1
The stability of the voltage output is below ±2.5% over the full input range and temperature for load current up to 100 mA at 3.3V. Power Input to
this LDO is the V5V_LDO1 pin. This LDO is activated in Normal, Receive only or Standby mode. It is switched OFF in Sleep mode.
7.7 Voltage Regulator LDO2
The stability of the voltage output is below ±2.5% over input range and temperature for load current up to 100 mA. The voltage regulator is
programmable between 3.3V and 1.8V via I2C or SPI interface. Power Input to this LDO is the V5V_LDO2 pin. LDO2 is activated in Normal and
Receive Only mode.
7.8 Voltage Regulator LDO3
The stability of the voltage output is below ±2.5% over input range and temperature for load current up to 100 mA. The voltage regulator is
programmable between 3.3V and 1.8V via I2C or SPI interface. Power Input to this LDO is the V5V_LDO3 pin. LDO3 is activated in Normal and
Receive Only mode.
7.9 Over-Temperature Monitor
In Normal mode, if the junction temperature reaches the over-temperature threshold Tjwarn, a warning flag is set in the diagnostic register which
can be accessed via the I2C and the SPI interface and an interrupt is signalled on INTN pin. The CAN transmitter is disabled and the device
remains in Normal mode. If the junction temperature falls below Tjrecv, the CAN transmitter is enabled. The warning flag is cleared in the
diagnostic register and an interrupt is signalled at the INTN pin. If the junction temperature exceeds the over-temperature threshold Tjshut, the
device enters sleep mode irrespective of the current mode and bus wake receiver (Low power receiver) is disabled. As soon as the temperature
falls below Tjrecv, the bus wake receiver (Low power receiver) is switched on.
7.10 Undervoltage Reset
Undervoltage on VSUP (Brown out Indication). If VSUP voltage falls below VSUP_UVTH threshold, the VSUP_UV_flag is set and an
interrupt at INTN is generated. In this case the device enters into the Stand-by mode. The LDO1 voltage regulator remains activated. Two
scenarios are possible at this stage:
VSUP is recovering: If VSUP exceeds the VSUP_POKTH threshold, the VSUP_POK_flag is set and the device remains in Stand-by mode.
VSUP is still falling: In this case the device continues to stay in Stand-by mode. If voltage falls below VSUP_RESET threshold, then the
device enters Power-Off and the logic is reset.
Undervoltage on V5V. If the V5V falls below V5V_UVTH threshold, the V5V_UV_flag is set. Once V5V returns to V5V_POKTH threshold
value, V5V_POK_flag is set. In case a flag is set, an interrupt is generated at the INTN pin. If undervoltage on V5V occurs in Normal or Receive
only modes then CAN Transceiver is disabled and the device remains in its operation mode.
Undervoltage on LDO1. If the voltage level of LDO1 falls below the VLDO1_UVTH threshold value and device is not in Sleep mode, the
device enters into power-up state while RESET signal is asserted and the voltage regulator is still active. Once the VLDO1_POKTH threshold is
reached, RESET signal is de-asserted after reset timeout period and device enters into Standby mode.
Undervoltage on LDO2. If the voltage level of the LDO2 falls below the VLDO2_UVTH threshold value a VLDO2_UV_flag is set. An
indication is given to microcontroller by setting a bit in interrupt register and giving interrupt on INTN pin. Once VLDO2 returns to
VLDO2_POKTH threshold value, VLDO2_POK_flag is set. An indication is given to microcontroller by setting a bit in interrupt register and giving
interrupt on INTN pin.
Undervoltage on LDO3. If the voltage level of the LDO3 falls below the VLDO3_UVTH threshold value a VLDO3_UV_flag is set. An
indication is given to microcontroller by setting a bit in interrupt register and giving interrupt on INTN pin. Once VLDO3 returns to
VLDO3_POKTH threshold value, VLDO3_POK_flag is set. An indication is given to microcontroller by setting a bit in interrupt register and giving
interrupt on INTN pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com