Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8650 Datasheet(PDF) 42 Page - ams AG

Part # AS8650
Description  High-efficient Power Management Device with High-speed CAN Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8650 Datasheet(HTML) 42 Page - ams AG

Back Button AS8650 Datasheet HTML 38Page - ams AG AS8650 Datasheet HTML 39Page - ams AG AS8650 Datasheet HTML 40Page - ams AG AS8650 Datasheet HTML 41Page - ams AG AS8650 Datasheet HTML 42Page - ams AG AS8650 Datasheet HTML 43Page - ams AG AS8650 Datasheet HTML 44Page - ams AG AS8650 Datasheet HTML 45Page - ams AG AS8650 Datasheet HTML 46Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 42 / 46 page
background image
www.austriamicrosystems.com/AS8650
Revision 1.0
42 - 46
AS8650
Datasheet - Application In form atio n
0x0F
RESET Reason
Register
0000_0000
POR_VSUP
R
These bits are cleared on microcontroller read
D[7]
Reserved
D[6]
SLEEP Mode exit by Local Wake up on WAKE pin
D[5]
SLEEP Mode exit by Remote wake
D[4]
Window Watchdog failure
D[3]
Timeout Watchdog failure
D[2]
Start-up Watchdog failure
D[1]
Undervoltage on VLDO1
D[0]
OTM Shutdown flag
0x10
Backup Register
0000_0000
POR_VSUP
D[7:0]
R/W
OTP_BITS[32:25] / MCU Backup Data
0x11
D[7:0]
OTP_BITS[40:33] / MCU Backup Data
0x12
D[7:0]
OTP_BITS[48:41] / MCU Backup Data
0x13
D[7:0]
OTP_BITS[56:49] / MCU Backup Data
0x14
D[7:0]
{1’b0,OTP_BITS[63:57]} / MCU Backup Data
0x15
D[7:0]
{2'd0, Slave address[6:1]}/MCU Backup Data
0x16
D[7:0]
10bit_slave_address[3:0]/MCU Backup Data
0x17
D[7:0]
MCU Backup Data
Table 21. Configuration Registers
Addr
Register Name
POR Value
Bit
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com