Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8650 Datasheet(PDF) 17 Page - ams AG

Part # AS8650
Description  High-efficient Power Management Device with High-speed CAN Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8650 Datasheet(HTML) 17 Page - ams AG

Back Button AS8650 Datasheet HTML 13Page - ams AG AS8650 Datasheet HTML 14Page - ams AG AS8650 Datasheet HTML 15Page - ams AG AS8650 Datasheet HTML 16Page - ams AG AS8650 Datasheet HTML 17Page - ams AG AS8650 Datasheet HTML 18Page - ams AG AS8650 Datasheet HTML 19Page - ams AG AS8650 Datasheet HTML 20Page - ams AG AS8650 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
www.austriamicrosystems.com/AS8650
Revision 1.0
17 - 46
AS8650
Datasheet - Detailed Descr i p ti on
7.3 State Diagram
Figure 5. State Machine Model
7.4 Initialization Sequence
After this, DCDC converter is switched ON, on receiving PG (power good) signal from DCDC converter, LDO1 regulator is switched ON. If
VLDO1 > VLDO1_POKTH threshold, VLDO1_RESET is generated. After this, active-low PORN_2_OTP is generated. The rising edge of
PORN_2_OTP loads contents of fuse onto the OTP latch after load access time TLoad. The LOAD_OTP_IN_PREREG signal loads the content of
OTP latch into the pre-regulator domain register. The Reset timeout is also started. The RESET signal is de-asserted after Reset timeout period
TRes. After the RESET is high, startup watch dog will start. If microcontroller gives trigger within startup window the device enters into Standby
mode. If microcontroller misses the trigger, RESET signal is generated and again Reset timeout will start. If microcontroller misses to give the
startup watchdog trigger for 3 consecutive times, then the device enters into Sleep mode. On receiving Normal mode command from
microcontroller, device turns ON the LDO2 and LDO3 regulators. When VLDO2 and VLDO3 reach their respective power-ok (POK) threshold
values, device interrupts microcontroller. The circuit is designed such that the state machine initializes correctly even for very slow ramp rates on
VSUP of the order of 0.5V/min.
Power Off
Normal
Receive Only
Standby
Sleep
Host command (go to ReceiveOnly)
Host command (go to Normal)
Hos
t co
mm
and
(go
to N
orm
al)
Hos
t co
mm
and
(go
to S
tand
by)
TEMP< Tjrecv AND BUS Wake
OR
Local Wake
Host command (go to Sleep)
Hos
t co
mm
and
(go
to S
leep
)
TEMP > Tjshut à BUS wake
disabled
TEMP>Tjwarn à BUS transmitter
disabled
BUS transmitter will be enabled on
TEMP < Tjrecv
From any state
Power-up
VS
UP
_P
OR
_R
ES
ET
==
0
V3p3
POR
timeou
t
OR
startup
watch
dog tim
eout
Normal OR
Receive_only OR
Standby state
VSUP_UV_flag = 1 OR V5V_UV_flag =1
à BUS transceiver disabled
VSUP_UV_flag =1 OR
V5V_UV_flag= 1 à BUS transceiver
disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com