Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8650 Datasheet(PDF) 4 Page - ams AG

Part # AS8650
Description  High-efficient Power Management Device with High-speed CAN Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8650 Datasheet(HTML) 4 Page - ams AG

  AS8650 Datasheet HTML 1Page - ams AG AS8650 Datasheet HTML 2Page - ams AG AS8650 Datasheet HTML 3Page - ams AG AS8650 Datasheet HTML 4Page - ams AG AS8650 Datasheet HTML 5Page - ams AG AS8650 Datasheet HTML 6Page - ams AG AS8650 Datasheet HTML 7Page - ams AG AS8650 Datasheet HTML 8Page - ams AG AS8650 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
www.austriamicrosystems.com/AS8650
Revision 1.0
4 - 46
AS8650
Datasheet - Pin Assignm ents
4 Pin Assignments
Figure 2. Pin Assignments (Top View)
4.1 Pin Descriptions
Table 1. Pin Descriptions
Pin
Pin Name
Pin Type
Description
1, 2, 3
VSUP
Power Supply Input
Power Supply
4
GND_DCDC
5GND
6
WAKE
Analog Input / Output high-voltage
Local wake request (high-voltage input)
7CANH
High level CAN bus line
8CANL
Low level CAN bus line
9
GND_CAN
Power Supply Input
Power supply
10
SPLIT
Analog Input / Output high-voltage Common-mode stabilization output
WAKE
CANH
CANL
VSUP
AS8650
27
26
25
24
23
22
21
20
19
30
29
28
36
35
34
33
32
31
QFN 6x6x0.9
1
2
3
4
5
6
7
8
9
16
17
18
10
11
12
13
14
15
VLDO1
VLDO2
RESET
GND
(Exposed pad)
RESERVED
RESERVED
RESERVED
VLDO3FB
VSUP
VSUP
GND_CAN
VLDO2FB
VLDO1FB
GND_DCDC
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com