Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8650 Datasheet(PDF) 14 Page - ams AG

Part # AS8650
Description  High-efficient Power Management Device with High-speed CAN Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8650 Datasheet(HTML) 14 Page - ams AG

Back Button AS8650 Datasheet HTML 10Page - ams AG AS8650 Datasheet HTML 11Page - ams AG AS8650 Datasheet HTML 12Page - ams AG AS8650 Datasheet HTML 13Page - ams AG AS8650 Datasheet HTML 14Page - ams AG AS8650 Datasheet HTML 15Page - ams AG AS8650 Datasheet HTML 16Page - ams AG AS8650 Datasheet HTML 17Page - ams AG AS8650 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
www.austriamicrosystems.com/AS8650
Revision 1.0
14 - 46
AS8650
Datasheet - Detailed Descr i p ti on
7 Detailed Description
The AS8650 consists of the following components on chip:
DCDC converter with 5V outputs that supplies the three LDO voltage regulators and the CAN Transceiver
One voltage regulator for 3.3V output voltage and two programmable voltage regulators in the range of 3.3V to 1.8V
CAN bus Transceiver according to ISO 11898
Integrated RESET unit with a power-on-reset delay and a programmable watchdog time
7.1 Operating Modes and States
The AS8650 provides four main operating modes normal, receive only, standby, and sleep. In normal mode, the CAN Transceiver can be
disabled in case of over-temperature condition. The detailed transition table for each mode is shown in the subsequent pages.
7.1.1 Normal Mode
In normal mode DCDC converter, the three voltage regulators, BUS Transceiver, and Window Watchdog are turned on with full functionality. All
the LDO regulators are capable of delivering maximum load current possible as per their respective ratings. The BUS Transceiver is capable of
sending the TxD data from the microcontroller to the CANH at the maximum rate.
7.1.2 Receive-only Mode
In this mode, the CAN transmitter is disabled. The CAN receiver, the three voltage regulators, and over-temperature monitor circuit are enabled.
7.1.3 Standby Mode
This is the mode after power up. The Standby mode is a functional low-power mode where the CAN Transceiver is disabled. The bus wake-up
(low power receiver) circuit, LDO1, and over-temperature monitor circuit are enabled. Both LDO2 and LDO3 can be enabled or disabled (default
state) using the host command. The AS8650 can enter normal mode, sleep mode or receive only mode through host command.
7.1.4 Sleep Mode
Sleep mode is the current saving mode that is entered by host command or by over-temperature condition. The DCDC converter, the three
voltage regulators, CAN Transceiver, the reset, and window watchdog unit are all switched off. The bus wake-up (low power receiver) circuit,
oscillator, and over-temperature monitor circuit are active. The bus is in recessive state (high). The only wake-up possible is through remote
wake-up (through the bus lines) or local wake up (through the WAKE pin) as described in the WAKE specification. In the case of entering sleep
mode due to over-temperature condition (T > Tjshut), the device can come out of sleep only after the temperature falls back below the return
temperature Tjrecv and any one of the wake up events mentioned above.
7.2 Power Management Strategy
The detailed block diagram and the power management strategy are shown in Figure 4.
Internal Regulator. This module is powered externally by the VSUP. All the critical modules that needs to be kept always on, work on this
supply. Some of the important modules among them are Over-temperature monitor, Local Wake block, Internal Power-on Reset module, Internal
Oscillator, complete mode-control unit, Undervoltage comparators of three external LDOs.
DCDC Converter. This is the main supply regulator for all the internal blocks. A step-down hysteretic buck converter is used to generate 5V
output from VSUP. This 5V output is then used to generate all the three LDOs. This high-efficiency step-down DCDC converter contains the
following features:
Current limited operation
Thermal shutdown
LDO1. This is the main I/O supply. This is generated internally from the 5V DCDC converter output and gives a regulated 3.3V output to power-
up the external micro-controller. All the I/Os that interface with the micro-controller work on this supply.
LDO2 and LDO3. These are two regulators that are generated from the 5V DCDC converter output. Both the LDOs can be programmed via
I2C or SPI settings in the range from 3.3V to 1.8V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com