Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8650 Datasheet(PDF) 11 Page - ams AG

Part # AS8650
Description  High-efficient Power Management Device with High-speed CAN Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8650 Datasheet(HTML) 11 Page - ams AG

Back Button AS8650 Datasheet HTML 7Page - ams AG AS8650 Datasheet HTML 8Page - ams AG AS8650 Datasheet HTML 9Page - ams AG AS8650 Datasheet HTML 10Page - ams AG AS8650 Datasheet HTML 11Page - ams AG AS8650 Datasheet HTML 12Page - ams AG AS8650 Datasheet HTML 13Page - ams AG AS8650 Datasheet HTML 14Page - ams AG AS8650 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
www.austriamicrosystems.com/AS8650
Revision 1.0
11 - 46
AS8650
Datasheet - Electrical Character i s t ics
V_RxD_hys
Differential receiver hysteresis
voltage
-12V < V_CANH < 12V
-12V < V_CANL < 12V
Receive only mode (CAN receiver)
20
130
mV
I_RxD_LEAK
Input leakage current
V5V_LDO1 = 0V;
V_CANH = V_CANL = 5V
100
250
µA
R_IN_cm
Common mode input resistance
Tested in Receive only mode
15
35
k
Ω
R_IN_cm_m
Common mode input resistance
matching
V_CANH = V_CANL
(Tested in Receive only mode)
-3
+3
%
R_IN_diff
Differential input resistance
Tested in Receive only mode
25
75
k
Ω
VO_SPLIT
Output voltage on split pin
Normal mode
-500µA < I_SPLIT < 500µA
0.3*
V5V_LDO1
0.7*
V5V_LDO1
V
IL_SPLIT
Leakage current on split pin
Stand-by mode
0V < V_SPLIT < 35V
(Not production tested)
-5
+5
µA
Stand-by mode
-22V < V_SPLIT < 0
(Not production tested)
-1
+1
mA
Table 10. AC Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t_TxD_BUS_on
Delay TxD to bus dominant
10
110
ns
t_TxD_BUS_off
Delay TxD to bus recessive
10
140
ns
t_BUS_on_RxD
Delay bus dominant to RxD
15
115
ns
t_BUS_off_RxD
Delay bus recessive to RxD
20
160
ns
t_TxD_RxD
Propagation Delay TxD to RxD
40
255
ns
WAKE UP via BUS
t_BUS_WR
Dominant time for wake-up detection
via bus
0.75
5
µs
BUS Diagnostic
t_OC_CANH
Time to detect over current CANH
V_TxD = 0V, V_CANH = 0V
(Not production tested)
60
µs
t_LC_CANH
Time to detect low current CANH
V_TxD = 0V, V_CANH = 40V
(Not production tested)
60
µs
t_OC_CANL
Time to detect over current CANL
V_TxD = 0V, V_CANL = 40V
(Not production tested)
60
µs
t_LC_CANL
Time to detect low current CANL
V_TxD = 0V, V_CANL = 0V
(Not production tested)
60
µs
Table 11. Temperature Limiter
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Tjshut
Shut down temperature
Junction temperature when IC shuts down
150
170
185
ºC
Tjrecv
Recovery temperature
Junction temperature below which state
machine returns from shutdown/warning
125
140
155
ºC
Tjwarn
Over-temperature warning flag set
Junction temperature beyond which the
warning flag is set
140
157
175
ºC
Table 9. DC Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com