Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8650 Datasheet(PDF) 23 Page - ams AG

Part # AS8650
Description  High-efficient Power Management Device with High-speed CAN Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8650 Datasheet(HTML) 23 Page - ams AG

Back Button AS8650 Datasheet HTML 19Page - ams AG AS8650 Datasheet HTML 20Page - ams AG AS8650 Datasheet HTML 21Page - ams AG AS8650 Datasheet HTML 22Page - ams AG AS8650 Datasheet HTML 23Page - ams AG AS8650 Datasheet HTML 24Page - ams AG AS8650 Datasheet HTML 25Page - ams AG AS8650 Datasheet HTML 26Page - ams AG AS8650 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
www.austriamicrosystems.com/AS8650
Revision 1.0
23 - 46
AS8650
Datasheet - Detailed Descr i p ti on
Figure 11. Wake Message Pattern
7.13 Internal Flags
The AS8650 supports internal flags to indicate the failures in the system. If any of these flag is set an interrupt is generated on INTN pin.
7.13.1 VSUP_UV_flag
This is a VSUP undervoltage flag. This flag is set when VSUP falls below the VSUP_UVTH threshold. When this flag is set the device enters into
standby mode and BUS Transceiver is switched off to save power. When VSUP recovers and raises above VSUP_POKTH threshold the
VSUP_UV_flag is reset.
7.13.2 VSUP_POK_flag
This is a VSUP power ok flag. This indicates the VSUP recovery from undervoltage condition. When the VSUP rises above VSUP_POKTH
threshold, this flag is set. This indicates the microcontroller that undervoltage condition on battery is cleared.
7.13.3 V5V_UV_flag
This is a V5V undervoltage flag. This flag is set when V5V falls below the V5V_UVTH threshold. When this flag is set the device enters into
Standby mode and BUS Transceiver is switched off to save power. When V5V recovers and raises above V5V_POKTH threshold the
V5V_UV_flag is reset.
7.13.4 V5V_POK_flag
This is a V5V power ok flag. This indicates the V5V recovery from undervoltage condition. When the V5V rises above V5V_POKTH threshold,
this flag is set. This indicates the microcontroller that undervoltage condition on DCDC converter is cleared.
7.13.5 VLDO2_UV_flag
This is a VLDO2 undervoltage flag. This flag is set when VLDO2 falls below the VLDO2_UVTH threshold. When VLDO2 recovers and raises
above VLDO2_POKTH threshold the VLDO2_UV_flag is reset.
7.13.6 VLDO2_POK_flag
This is a VLDO2 power ok flag. This indicates the VLDO2 recovery from undervoltage condition. When the VLDO2 rises above VLDO2_POKTH
threshold this flag is set. This indicates the microcontroller that undervoltage condition on LDO2 is cleared.
7.13.7 VLDO3_UV_flag
This is a VLDO3 undervoltage flag. This flag is set when VLDO3 falls below the VLDO3_UVTH threshold. When VLDO3 recovers and raises
above VLDO3_POKTH threshold the VLDO3_UV_flag is reset.
7.13.8 VLDO3_POK_flag
This is a VLDO3 power ok flag. This indicates the VLDO3 recovery from undervoltage condition. When the VLDO3 rises above VLDO3_POKTH
threshold this flag is set. This indicates the microcontroller that undervoltage condition on LDO3 is cleared.
7.13.9 BUS Wake_up Flag
The BUS Wake_up flag is set when the device detects a remote wake-up (BUS message) request. The remote wake-up request is detected
when pattern shown in Figure 11 is found on wake_remote port of low power receiver. This indicates the microcontroller about the Bus wake
event.
WAKE_remote
CANH
CANL
WAKE_remote_flag
Remote wake
detected
>Tdom(wake)
>Trec(wake)
>Tdom(wake)
>Trec(wake)
Dominant
Reccessive
Dominant
Reccessive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com