Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8650 Datasheet(PDF) 43 Page - ams AG

Part # AS8650
Description  High-efficient Power Management Device with High-speed CAN Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8650 Datasheet(HTML) 43 Page - ams AG

Back Button AS8650 Datasheet HTML 38Page - ams AG AS8650 Datasheet HTML 39Page - ams AG AS8650 Datasheet HTML 40Page - ams AG AS8650 Datasheet HTML 41Page - ams AG AS8650 Datasheet HTML 42Page - ams AG AS8650 Datasheet HTML 43Page - ams AG AS8650 Datasheet HTML 44Page - ams AG AS8650 Datasheet HTML 45Page - ams AG AS8650 Datasheet HTML 46Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
www.austriamicrosystems.com/AS8650
Revision 1.0
43 - 46
AS8650
Datasheet - Pack a ge Drawin gs and Ma r k ings
9 Package Drawings and Markings
The device is available in a 36-pin QFN (6x6x0.9) package.
Figure 28. Drawings and Dimensions
Marking: YYWWIXX.
YY
WW
I
XX
Last two digits of the current year
Manufacturing Week
Assembly plant identifier
Assembly traceability code
Symbol
Min
Nom
Max
A
0.80
0.90
1.00
A1
0
0.02
0.05
A3
-
0.20 REF
-
L
0.35
0.40
0.45
L1
0
-
0.15
b
0.18
0.25
0.30
D
6.00 BSC
E
6.00 BSC
e
0.50 BSC
D2
4.60
4.70
4.80
E2
4.60
4.70
4.80
aaa
-
0.15
-
bbb
-
0.10
-
ccc
-
0.10
-
ddd
-
0.05
-
eee
-
0.08
-
fff
-
0.10
-
N36
Notes:
1. Dimensions and tolerancing conform to ASME Y14.5M-1994.
2. All dimensions are in millimeters, angle is in degrees.
3. Dimension b applies to metallized terminal and is measured between 0.25 and
0.30mm from terminal tip. Dimension L1 represents terminal full back from package edge up to 0.15mm is acceptable.
4. Coplanarity applies to the exposed heat slug as well as the terminal.
5. Radius on terminal is optional.
6. N is the total number of terminals.
AS8650
YYWWIXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com