Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8650 Datasheet(PDF) 34 Page - ams AG

Part # AS8650
Description  High-efficient Power Management Device with High-speed CAN Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8650 Datasheet(HTML) 34 Page - ams AG

Back Button AS8650 Datasheet HTML 30Page - ams AG AS8650 Datasheet HTML 31Page - ams AG AS8650 Datasheet HTML 32Page - ams AG AS8650 Datasheet HTML 33Page - ams AG AS8650 Datasheet HTML 34Page - ams AG AS8650 Datasheet HTML 35Page - ams AG AS8650 Datasheet HTML 36Page - ams AG AS8650 Datasheet HTML 37Page - ams AG AS8650 Datasheet HTML 38Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
www.austriamicrosystems.com/AS8650
Revision 1.0
34 - 46
AS8650
Datasheet - Application In form atio n
Figure 26. I2C Auto-increment Read Operation
8.3 Digital Timing Specification
SPI Protocol.
Table 17. SPI Timing Parameters
Symbol
Parameter
Conditions
Min
Typ
Max
Units
General
BRSPI
Bit rate
1
Mbps
TSCLKH
Clock high time
500
ns
TSCLKL
Clock low time
500
ns
Write Operation Parameters
tDIS
Data in setup time
20
ns
tDIH
Data in hold time
10
ns
TCSH
CS hold time
40
ns
Read Operation Parameters
tDOD
Data out delay
80
ns
tDOHZ
Data out to high impedance delay
Time for the SPI to release the SDO bus
80
ns
Timing Parameters for SCLK Polarity Identification
tCPS
Clock setup time
(CLK polarity)
Setup time of SCLK with respect to CS
falling edge
20
ns
tCPHD
Clock hold time
(CLK polarity)
Hold time of SCLK with respect to CS
falling edge
20
ns
12
8
9
SCLK
MSB
SDA
34 56 7
12
8
9
34 56 7
LSB
A
A
acknowledge
from slave
acknowledge
from master
Data byte 1
R
Slave address
12
8
9
34 56 7
A
No
acknowledge
from master
Last data byte
Data byte n
12
8
9
SCLK
MSB
SDA
34 56 7
12
8
9
34 56 7
LSB
A
A
acknowledge
from slave
acknowledge
from slave
register address
W
Slave address
0
1
S
or
P
S
S
S
or
P
A
0
A
1
A
2
A
3
A
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com