Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8650 Datasheet(PDF) 25 Page - ams AG

Part # AS8650
Description  High-efficient Power Management Device with High-speed CAN Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8650 Datasheet(HTML) 25 Page - ams AG

Back Button AS8650 Datasheet HTML 21Page - ams AG AS8650 Datasheet HTML 22Page - ams AG AS8650 Datasheet HTML 23Page - ams AG AS8650 Datasheet HTML 24Page - ams AG AS8650 Datasheet HTML 25Page - ams AG AS8650 Datasheet HTML 26Page - ams AG AS8650 Datasheet HTML 27Page - ams AG AS8650 Datasheet HTML 28Page - ams AG AS8650 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
www.austriamicrosystems.com/AS8650
Revision 1.0
25 - 46
AS8650
Datasheet - Detailed Descr i p ti on
7.14 Watchdog (WD)
The WD has the following three monitory timing functions:
Start-up watchdog: Gives opportunity to microcontroller to initialize the system.
Window watchdog: Detects too early or too late microcontroller software response (loops and hangs).
Time-out watchdog: Detects too very long response from microcontroller.
7.14.1 Start-up Watchdog Behavior
Following any reset event the watchdog is used to monitor the ECU start-up procedure. Once the reset is released the watchdog counter will
start. In case the watchdog is not properly served (a trigger from microcontroller) within TWD(init), another reset is forced on RESET pin and the
monitoring procedure is restarted. The watchdog will give three opportunities to microcontroller to initialize the system. In case the watchdog is
not properly served for three times, then the system enters into sleep mode.
7.14.2 Window Watchdog Behavior
Whenever the device enters Normal mode, the Window mode of the watchdog is activated. This ensures that the microcontroller operates within
the required speed; a too fast as well as a too slow operation will be detected. Watchdog triggering using the Window watchdog is illustrated in
Figure 12.
Figure 12. Window Watchdog Triggering
The AS8650 provides 8 different period timings. This timing can be changed through digital interface when desired. The period can be changed
within any valid trigger window. Whenever the watchdog is triggered within the window time Twd_trig, the timer will be reset to start a new period.
The watchdog window is defined to be between 50% and 100% of the nominal programmed watchdog period. Any too early (trigger in non-
trigger window) or too late watchdog trigger will result an immediate system reset on RESET pin and watchdog entering Start-up watchdog
mode. During undervoltage condition on VLDO1 the watchdog timer is disabled.
TRIGGER WINDOW
NON-TRIGGER WINDOW
Twd_no_trig
Twd_trig
Twwd_period
Trigger
restarts
period
50%
100%
Last
Trigger
Point
Earliest
Trigger
Point
Latest
Trigger
Point
TRIGGER WINDOW
NON-TRIGGER WINDOW
50%
100%
Earliest
Trigger
Point
Latest
Trigger
Point
Trigger restarts period
( with new period if desired)
New Period
SPI
TRIGGER
SPI
TRIGGER
Unwanted Trigger
(RESET generated,
watchdog enter Start-up
mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com