Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8650 Datasheet(PDF) 5 Page - ams AG

Part # AS8650
Description  High-efficient Power Management Device with High-speed CAN Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8650 Datasheet(HTML) 5 Page - ams AG

  AS8650 Datasheet HTML 1Page - ams AG AS8650 Datasheet HTML 2Page - ams AG AS8650 Datasheet HTML 3Page - ams AG AS8650 Datasheet HTML 4Page - ams AG AS8650 Datasheet HTML 5Page - ams AG AS8650 Datasheet HTML 6Page - ams AG AS8650 Datasheet HTML 7Page - ams AG AS8650 Datasheet HTML 8Page - ams AG AS8650 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
www.austriamicrosystems.com/AS8650
Revision 1.0
5 - 46
AS8650
Datasheet - Pin Assignm ents
11
I2C_EN
Digital Input
I2C/SPI select signal (High = I2C, Low = SPI)
12
SDAI2C / SDISPI
Digital Input/Output
/ Digital Input
Unidirectional for SPI, Bidirectional for I2C
13
SDOSPI
Digital Output
SPI data out
14
SCLKI2C / SCLKSPI
Digital Input
Serial clock (Multiplexed for I2C and SPI) unidirectional
15
CSSPI
Digital input with pull-up
SPI chip select
16
RxD
Digital output with pull-up
CAN Transceiver receive signal
17
INTN
Digital Output
Active low interrupt to µC. Generated if status/ diagnostic is
updated.
18
TxD
Digital input with pull-up
CAN Transceiver transmit signal
19
RESET
Digital Output
Digital Output referenced to VLDO1, active low
20
Reserved
Pin with Digital / Analog Input /
Open-Drain-Output
Reserved
21
Analog Input / Output
22
23
VLDO1
Power Supply Input
Regulated voltage output
24
VLDO1FB
Pin with Digital / Analog Input /
Open-Drain-Output
Regulated voltage feedback
25
VLDO2
Power Supply Input
Regulated voltage output
26
VLDO2FB
Pin with Digital / Analog Input /
Open-Drain-Output
Regulated voltage feedback
27
VLDO3FB
Regulated voltage feedback
28
VLDO3
Power Supply Input
Regulated voltage output
29
V5V_LDO1
Step-down converter 5V output, supply for LDO1
30
V5V_LDO3
Step-down converter 5V output, supply for LDO3
31
V5V_LDO2
Step-down converter 5V output, supply for LDO2
32
FB (DCDC)
Analog Input
DCDC output voltage feedback
33, 34, 35
LX (DCDC)
Power Supply Input
DCDC output
0GND
Exposed pad (GND)
Table 1. Pin Descriptions
Pin
Pin Name
Pin Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com