Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8650 Datasheet(PDF) 18 Page - ams AG

Part # AS8650
Description  High-efficient Power Management Device with High-speed CAN Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8650 Datasheet(HTML) 18 Page - ams AG

Back Button AS8650 Datasheet HTML 14Page - ams AG AS8650 Datasheet HTML 15Page - ams AG AS8650 Datasheet HTML 16Page - ams AG AS8650 Datasheet HTML 17Page - ams AG AS8650 Datasheet HTML 18Page - ams AG AS8650 Datasheet HTML 19Page - ams AG AS8650 Datasheet HTML 20Page - ams AG AS8650 Datasheet HTML 21Page - ams AG AS8650 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
www.austriamicrosystems.com/AS8650
Revision 1.0
18 - 46
AS8650
Datasheet - Detailed Descr i p ti on
The power initialization sequence diagram is shown in Figure 6.
After activating the power supply on VSUP pin, the VSUP_POR_RESET flag becomes inactive (high) while the voltage exceeds the
VSUP_POR threshold.
The DCDC output voltage V5V exceeds the V5V_POKTH thresholds after the DCDC settling time and the first voltage regulator (LDO1) will
be activated with the V5V_POK set.
If the voltage output at LDO1 (set to 2.5V on power-up) reaches the VLDO1_POKTH threshold, the PORN_2_OTP flag is set and OTP
register setting for the LDO1 is read. Consequently the output voltage will be regulated to the actual OTP settings.
The initialization phase of the device is terminated after the preset output voltage level threshold is exceeded and the reset timeout is
expired.
After entering Stand-by mode the host controller can switch the device in any operation mode through the I2C or SPI interface.
Figure 6. Initialization Sequence
VSUP
VSUP_POR_RESET
PORN_2_OTP
LOAD_OTP_IN_
PREREG
RESET
VLDO1_POKTH
VSUP_POR
Tres = Reset Timeout
6 Cycles of
RC- Oscillator
V5V
V5V_POK
VLDO1
VLDO1_RESET
STANDBY
MODE
INITIALIZATION
DEVICE
STATE
NORMAL MODE
STARTUP
WATCHDOG
VLDO2
VLDO3
INTN
V5V_POKTH
VLDO2_POKTH
VLDO3_POKTH
Tldo = LDO settling time
Tldo = LDO settling time
Tdcdc = DCDC settling time
VLDO1_POKTH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com