Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8650 Datasheet(PDF) 1 Page - ams AG

Part # AS8650
Description  High-efficient Power Management Device with High-speed CAN Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8650 Datasheet(HTML) 1 Page - ams AG

  AS8650 Datasheet HTML 1Page - ams AG AS8650 Datasheet HTML 2Page - ams AG AS8650 Datasheet HTML 3Page - ams AG AS8650 Datasheet HTML 4Page - ams AG AS8650 Datasheet HTML 5Page - ams AG AS8650 Datasheet HTML 6Page - ams AG AS8650 Datasheet HTML 7Page - ams AG AS8650 Datasheet HTML 8Page - ams AG AS8650 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
AS8650
High-efficient Power Management Device with High-speed CAN
Interface
www.austriamicrosystems.com/AS8650
Revision 1.0
1 - 46
Datasheet
1 General Description
The AS8650 is a companion IC which combines power management
functions and a fully conforming high speed CAN Transceiver in one
high performance analog device for automotive applications. The
AS8650 is powered by the battery, provides 4 output voltage levels
of which 3 outputs can be individually programmed in the range of
1.8V to 3.3V with a maximum current consumption up to 120mA at
the LDO voltage regulator outputs. An integrated DCDC converter
with a very high efficiency for the 5V output supplies the 3 voltage
regulators and ensures a voltage stability of ± 2.5%. The
combination of DCDC converter with low-drop-out voltage regulators
makes the AS8650 suitable for all Automotive Control Units where
power efficiency is a must.
The AS8650 provides a high-speed CAN interface up to 1Mbps
communication rate conforming to ISO 11898. The AS8650 provides
wake-up via remote wake-up at CAN bus lines and a local wake pin.
The watchdog unit provides three different timing functions: start-up,
window- and time-out watchdog; configurable via the SPI and I2C
interface.
Voltage monitoring is implemented for the battery supply, DCDC
output and the 3 LDO regulator outputs. Undervoltage will be
signalled on the INTN pin to the microcontroller. All diagnostics and
status flags can be accessed with the SPI interface.
The product is available in a 36-pin QFN (6x6x0.9) package.
2 Key Features
DCDC converter for 5V output with very high efficiency
2 programmable voltage regulators in the range of 1.8V to 3.3V
High-speed CAN interface (ISO 11898) with remote wake-up
Comprehensive voltage monitoring
Configurable watchdog functions for start-up, operation, and
standby
Automatic thermal shutdown protection
Excellent EMC performance with outstanding switching
technology for the DCDC converter
Ambient temperature range from -40°C to +105°C in maximum
load conditions
Lead-free 36-pin QFN (6x6x0.9) package
3 Applications
The AS8650 provides high efficient and flexible power supply
together with state-of-the-art high speed CAN Interface for
automotive control units.The device is pin compatible with AS8550
(LIN interface) in order to change from CAN to LIN easy.
DC / DC Converter 5V
I2C
SPI
High-speed
CAN
Transceiver
Watchdog
CSSPI
SCLKI2C /SCLKSPI
I2C_EN
CANH
RxD
TxD
RESET
FB
Configurable
Voltage
Regulator
Configurable
Voltage
Regulator
Configurable
Voltage
Regulator
VREG
Digital
Logic
INTN
WAKE
V5V_LDO1
V5V_LDO2
V5V_LDO3
GND
VSUP
LX
VREG
VREG
SPLIT
CANL
SDAI2C / SDISPI
SDOSPI
AS8650
Figure 1. AS8650 Block Diagram


Similar Part No. - AS8650

ManufacturerPart #DatasheetDescription
logo
ams AG
AS8650A AMSCO-AS8650A Datasheet
1,022Kb / 46P
High-efficient Power Management Device with High-speed CAN Interface
AS8650A-ZQFP-01 AMSCO-AS8650A-ZQFP-01 Datasheet
1,022Kb / 46P
High-efficient Power Management Device with High-speed CAN Interface
AS8650B AMSCO-AS8650B Datasheet
589Kb / 47P
High-efficient Power Management Device with High-speed CAN Interface
AS8650B-ZQFM-01 AMSCO-AS8650B-ZQFM-01 Datasheet
589Kb / 47P
High-efficient Power Management Device with High-speed CAN Interface
AS8650B-ZQFP-01 AMSCO-AS8650B-ZQFP-01 Datasheet
589Kb / 47P
High-efficient Power Management Device with High-speed CAN Interface
More results

Similar Description - AS8650

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13041 MAXIM-MAX13041 Datasheet
275Kb / 21P
±80V Fault-Protected High-Speed CAN Transceiver with Low-Power Management and Wake-On CAN
Rev 1; 11/07
MAX13041 MAXIM-MAX13041_08 Datasheet
207Kb / 20P
±80V Fault-Protected High-Speed CAN Transceiver with Low-Power Management and Wake-On CAN
Rev 2; 12/08
logo
Freescale Semiconductor...
MC33903 FREESCALE-MC33903 Datasheet
2Mb / 98P
SBC Gen2 with CAN High Speed and LIN Interface
logo
ams AG
AS8650A AMSCO-AS8650A Datasheet
1,022Kb / 46P
High-efficient Power Management Device with High-speed CAN Interface
logo
STMicroelectronics
L99PM62XP STMICROELECTRONICS-L99PM62XP Datasheet
1Mb / 98P
Power management IC with LIN and high speed CAN
29-Nov-2011
logo
Texas Instruments
LM5056 TI-LM5056 Datasheet
1Mb / 46P
High-Voltage System Power Management Device with PMBus?
logo
Freescale Semiconductor...
MC33905D FREESCALE-MC33905D Datasheet
1Mb / 766P
SBC Gen2 with CAN High Speed and LIN Interface
MC33903_4 FREESCALE-MC33903_4_5 Datasheet
1Mb / 106P
SBC Gen2 with CAN High Speed and LIN Interface
logo
ams AG
AS8650B AMSCO-AS8650B Datasheet
589Kb / 47P
High-efficient Power Management Device with High-speed CAN Interface
logo
NXP Semiconductors
MC33903 NXP-MC33903 Datasheet
2Mb / 111P
SBC Gen2 with CAN high speed and LIN interface
Rev. 15.0, 6/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com