Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8650 Datasheet(PDF) 10 Page - ams AG

Part # AS8650
Description  High-efficient Power Management Device with High-speed CAN Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8650 Datasheet(HTML) 10 Page - ams AG

Back Button AS8650 Datasheet HTML 6Page - ams AG AS8650 Datasheet HTML 7Page - ams AG AS8650 Datasheet HTML 8Page - ams AG AS8650 Datasheet HTML 9Page - ams AG AS8650 Datasheet HTML 10Page - ams AG AS8650 Datasheet HTML 11Page - ams AG AS8650 Datasheet HTML 12Page - ams AG AS8650 Datasheet HTML 13Page - ams AG AS8650 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
www.austriamicrosystems.com/AS8650
Revision 1.0
10 - 46
AS8650
Datasheet - Electrical Character i s t ics
6.4 CAN Transceiver
6V < VSUP < 18V; -40°C < Tj < 150ºC; all voltages are with respect to ground; 4.75V < V5V_LDO1 < 5.25V; RL=60
Ω.
Table 8. VLDO3
1 Block Specifications
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V5V
Input Voltage Range
4.75
5
5.25
V
IOUTLDO3
Output current
Guaranteed by design.
Not production tested.
0
100
mA
VLDO3
Output Voltage Range
VOUT (typ) depends on the trim code as in
OTP register mapping.
Default code gives 1.8V
0.975*
VOUT
VOUT
1.025*
VOUT
V
ICC_SH
Output Short Circuit Current
Normal mode
300
mA
dVLDO3
Line Regulation
ΔVLDO3/ΔV5V (static) for the input range,
ILOAD = 100mA
-8
8
mV/V
LOREG_NM
Load Regulation
ΔVLDO3 (for 100mA > ILOAD > 1mA)
-0.15
+0.15
mV/mA
tldo
Start-up time
Guaranteed by design
(includes start-up time of DCDC converter)
80
ms
CL2
Output Capacitor (Ceramic)
X7R type
2
5
µF
ESR2
0.02
0.1
Ω
CL1
Output Capacitor (Ceramic)
X7R type
100
220
nF
ESR1
0.01
Ω
1. 3.3V to 1.8V output.
Table 9. DC Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Driver
CANH_dom
Dominant Output Voltage
V_TxD = 0V
34.25
V
CANL_dom
0.5
1.75
V
VO_dom_m
Matching Dominant Output Voltage
V5V_LDO1-V_CANH-V_CANL
-0.1
0.15
V
VO_diff
Differential output voltage
V_CANH-V_CANL
45
Ω < RL < 60Ω,
V_TxD = 0V (dominant)
1.5
3
V
No load; V_TxD = VLDO1 (recessive)
-50
50
mV
VO_rec
Recessive output voltage
V_CANH, V_CANL
V_TxD = VLDO1; No bus load,
Normal mode
23
V
No bus load, Stand-by mode
-0.1
0.1
V
IO_short
Short circuit output current
V_TxD = 0V, V_CANH = 0V
-160
-50
mA
V_TxD = 0V, V_CANL = 40V
+50
+160
mA
IO_rec
Recessive output current
-27V < V_CAN < 40V
-2.5
+2.5
mA
Receiver
V_RxD_th
Differential receiver threshold
voltage
-12V < V_CANH < 12V
-12V < V_CANL < 12V
Receive only mode (CAN receiver)
0.5
0.9
V
-12V < V_CANH < 12V
-12V < V_CANL < 12V
Stand-by mode (low-power receiver)
0.4
1.15
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com