Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8650 Datasheet(PDF) 35 Page - ams AG

Part # AS8650
Description  High-efficient Power Management Device with High-speed CAN Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8650 Datasheet(HTML) 35 Page - ams AG

Back Button AS8650 Datasheet HTML 31Page - ams AG AS8650 Datasheet HTML 32Page - ams AG AS8650 Datasheet HTML 33Page - ams AG AS8650 Datasheet HTML 34Page - ams AG AS8650 Datasheet HTML 35Page - ams AG AS8650 Datasheet HTML 36Page - ams AG AS8650 Datasheet HTML 37Page - ams AG AS8650 Datasheet HTML 38Page - ams AG AS8650 Datasheet HTML 39Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
www.austriamicrosystems.com/AS8650
Revision 1.0
35 - 46
AS8650
Datasheet - Application In form atio n
I2C Protocol. Electrical characteristics of SDA & SCLK bus lines for F/S mode
1. Cb = capacitance of one bus line in pF.
2. The maximum tf for the SDA and SCLK bus lines quoted in Table 19 (300ns) is longer than the specified maximum tof for the output
stages (250ns). This allows for any series protection resistors to be connected between the SDA/SCLK pins and the SDA/SCLK bus
lines without exceeding the maximum specified tf.
3. I/O pins of Fast-mode devices must not obstruct the SDA and SCLK lines if VLDO1 is switched off.
Characteristics of the SDA and SCLK Bus Lines for F/S Mode I2C Bus.
Table 18. I2C Electrical Parameters
Symbol
Parameter
Standard
Fast
Units
Min
Max
Min
Max
VIL
LOW level input voltage:
VLDO1related input levels
0.3V*LDO1
0.3V*LDO1
V
VIH
HIGH level input voltage:
VLDO1-related input levels
0.7V*LDO1
0.7V*LDO1
V
Vhys
Hysteresis of Schmitt trigger input
n/a
n/a
0.05V*LDO1
V
VOL1
LOW level output voltage (open drain or
open collector) at 3mA sink current
0.4
0.4
V
tof
Output fall time from VIHmin to VILmax
with a bus capacitance from
10pF to 400pF
250
(see Footnote 2)
20 + 0.1Cb
(see Footnote 1)
250
(see Footnote 2)
ns
(lab tested
only)
tSP
Pulse width of spikes which must be
suppressed by the input filter
n/a
n/a
50
ns
Ii
Input current of each I/O pin with an
input voltage between 0.1VLDO1 and
0.9VLDO1 maximum
-10
10
-10
(see Footnote 3)
10
(see Footnote 3)
µ
A
Ci
Capacitance for each I/O pin
10
10
pF
(guaranteed
by design)
Table 19. I2C Timing Parameters
Symbol
Parameter
Standard
Fast
Units
Min
Max
Min
Max
(see Footnote 1)
fSCLK
SCLK clock frequency
0
100
0
400
kHz
tHD_STA
Hold time (repeated) START condition.
After this period, the first clock pulse is
generated
4-
0.6
-
µs
tLOW
LOW period of the SCLK clock
4.7
-
1.3
-
µ
s
tHIGH
HIGH period of the SCLK clock
4.0
-
0.6
-
µ
s
tSU_STA
Set-up time for a repeated START
condition
4.7
-
0.6
-
µ
s
tSU_DAT
Data set-up time
250
-
100
(see Footnote 2)
-ns
tHD_DAT
Data hold-time
0
(see Footnote 5)
3450
(see Footnote 3)
0
(see Footnote 5)
900
(see Footnote 3)
ns
tr
Rise time of SDA and SCLK signals
-
1000
20+
0.1Cb
(see Footnote 4)
300
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com