Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8650 Datasheet(PDF) 38 Page - ams AG

Part # AS8650
Description  High-efficient Power Management Device with High-speed CAN Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8650 Datasheet(HTML) 38 Page - ams AG

Back Button AS8650 Datasheet HTML 34Page - ams AG AS8650 Datasheet HTML 35Page - ams AG AS8650 Datasheet HTML 36Page - ams AG AS8650 Datasheet HTML 37Page - ams AG AS8650 Datasheet HTML 38Page - ams AG AS8650 Datasheet HTML 39Page - ams AG AS8650 Datasheet HTML 40Page - ams AG AS8650 Datasheet HTML 41Page - ams AG AS8650 Datasheet HTML 42Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 46 page
background image
www.austriamicrosystems.com/AS8650
Revision 1.0
38 - 46
AS8650
Datasheet - Application In form atio n
8.4 Register Space
The AS8650 register space consists of configuration registers, control registers and diagnostic registers. All of these registers are accessible
through SPI or I2C commands.
Table 21. Configuration Registers
Addr
Register Name
POR Value
Bit
Type
Description
0x00
Reserved
Reserved
0x01
Reserved
Reserved
0x02
WD Access Control
Register
0000_0000
POR_VLDO1
D[7:0]
R/W
0101_10
10
WD Configuration Register access Enabled
Else WD Configuration Register access disabled
0x03
WD Configuration
Register
0000_1001
POR_VSUP
D[7:6]
R/W
01
WD disabled
Else WD enabled
D[5:3]
Time-out Watchdog mode Window period Twd_tout_period.
(Accuracy of the timings is ±25%)
000
80 ms
001
160 ms
010
320 ms
011
480 ms
100
800 ms
101
1000 ms
110
2000 ms
111
4000 ms
D[2:0]
Window Watchdog mode Window period Twwd_period
(50% of above value is trigger window)
000
10 ms
001
40 ms
010
80 ms
011
120 ms
100
160 ms
101
240 ms
110
320 ms
111
400 ms
0x04
WD Trigger Register
0000_0000
POR_VLDO1
D[7:1]
W
Reserved
D[0]
Watchdog trigger bit. The microcontroller set this bit within the
required window of watchdog timer. After this internal counter is
reset and this bit is cleared internally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com