Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8650 Datasheet(PDF) 13 Page - ams AG

Part # AS8650
Description  High-efficient Power Management Device with High-speed CAN Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8650 Datasheet(HTML) 13 Page - ams AG

Back Button AS8650 Datasheet HTML 9Page - ams AG AS8650 Datasheet HTML 10Page - ams AG AS8650 Datasheet HTML 11Page - ams AG AS8650 Datasheet HTML 12Page - ams AG AS8650 Datasheet HTML 13Page - ams AG AS8650 Datasheet HTML 14Page - ams AG AS8650 Datasheet HTML 15Page - ams AG AS8650 Datasheet HTML 16Page - ams AG AS8650 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
www.austriamicrosystems.com/AS8650
Revision 1.0
13 - 46
AS8650
Datasheet - Electrical Character i s t ics
6.5 Undervoltage Detection
Table 12. Undervoltage Detection
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VSUP_POR
VSUP Power on Reset threshold on
Rising edge of VSUP
5.09
5.5
5.91
V
VSUP_RESET
VSUP Power on Reset threshold off
(Master Reset for Device)
4.49
4.85
5.21
V
VSUP_POKTH
VSUP undervoltage threshold off
VSUP rising edge.
(Brown out reset threshold)
4.95
5.35
5.75
V
VSUP_UVTH
VSUP undervoltage threshold on
(CAN bus in recessive state)
VSUP falling edge.
(Brown out reset threshold)
4.625
5.0
5.375
V
V5V_POKTH
V5V undervoltage threshold off
Rising edge of V5V
4.16
4.5
4.84
V
V5V_UVTH
V5V undervoltage threshold on
Falling edge of V5V
3.8
4.1
4.4
V
VLDO_POKTH
LDO undervoltage threshold off
(VLDO1, VLDO2 and VLDO3)
Percent value is with respect to LDO
output. Rising edge of LDO
87
89
91
%
VLDO_UVTH
LDO undervoltage threshold on
(VLDO1, VLDO2 and VLDO3)
Percent value is with respect to LDO
output. Falling edge of LDO
78
80
82
%
trr
Spike filter on VLDO1
To remove disturbance
2
4
8
µs
tRes
Reset delay time
48
12
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com