Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8650 Datasheet(PDF) 9 Page - ams AG

Part # AS8650
Description  High-efficient Power Management Device with High-speed CAN Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8650 Datasheet(HTML) 9 Page - ams AG

Back Button AS8650 Datasheet HTML 5Page - ams AG AS8650 Datasheet HTML 6Page - ams AG AS8650 Datasheet HTML 7Page - ams AG AS8650 Datasheet HTML 8Page - ams AG AS8650 Datasheet HTML 9Page - ams AG AS8650 Datasheet HTML 10Page - ams AG AS8650 Datasheet HTML 11Page - ams AG AS8650 Datasheet HTML 12Page - ams AG AS8650 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
www.austriamicrosystems.com/AS8650
Revision 1.0
9 - 46
AS8650
Datasheet - Electrical Character i s t ics
6.3 Low Drop Out Regulators
-40°C < Tj < 150°C; all voltages are with respect to ground, normal operating mode, unless otherwise mentioned. The LDO block is a linear
voltage regulator, which provides a regulated (band-gap stabilized) output voltage from the DCDC converter output voltage (V5V).
Table 6. VLDO1
1 Block Specifications
1. Please note that the VLDO1 is not programmable.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V5V
Input Voltage Range
4.75
5
5.25
V
IOUTLDO1
Output current
Guaranteed by design.
Not production tested.
0
100
mA
VLDO1
Output Voltage Range
3.217
3.3
3.383
V
ICC_SH
Output Short Circuit Current
Normal mode
300
mA
dVLDO1
Line Regulation
ΔVLDO1/ΔV5V (static) for the input range,
ILOAD = 100mA
-8
8
mV/V
LOREG_NM
Load Regulation
ΔVLDO1 (for 100mA > ILOAD > 1mA),
V5V = 5V
-0.15
+0.15
mV/mA
tldo
Start-up time
Guaranteed by design
(includes start-up time of DCDC converter)
80
ms
CL2
Output Capacitor (Ceramic)
X7R type
2
5
µF
ESR2
0.02
0.1
Ω
CL1
X7R type
100
220
nF
ESR1
0.01
Ω
Table 7. VLDO2
1 Block Specifications
1. 3.3V to 1.8V output.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V5V
Input Voltage Range
4.75
5
5.25
V
IOUTLDO2
Output current
Guaranteed by design.
Not production tested.
0120
mA
VLDO2
Output Voltage Range
VOUT (typ) depends on the trim code as in
OTP register mapping.
Default code gives 2.8V
0.975*
VOUT
VOUT
1.025*
VOUT
V
ICC_SH
Output Short Circuit Current
Normal mode
300
mA
dVLDO2
Line Regulation
ΔVLDO2/ΔV5V (static) for the input range,
ILOAD = 100mA
-8
8
mV/V
LOREG_NM
Load Regulation
ΔVLDO2 (for 120mA > ILOAD > 1mA)
-0.15
+0.15
mV/mA
tldo
Start-up time
Guaranteed by design
(includes start-up time of DCDC converter)
80
ms
CL2
Output Capacitor (Ceramic)
X7R type
2
5
µF
ESR2
0.02
0.1
Ω
CL1
X7R type
100
220
nF
ESR1
0.01
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com