Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8650 Datasheet(PDF) 24 Page - ams AG

Part # AS8650
Description  High-efficient Power Management Device with High-speed CAN Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8650 Datasheet(HTML) 24 Page - ams AG

Back Button AS8650 Datasheet HTML 20Page - ams AG AS8650 Datasheet HTML 21Page - ams AG AS8650 Datasheet HTML 22Page - ams AG AS8650 Datasheet HTML 23Page - ams AG AS8650 Datasheet HTML 24Page - ams AG AS8650 Datasheet HTML 25Page - ams AG AS8650 Datasheet HTML 26Page - ams AG AS8650 Datasheet HTML 27Page - ams AG AS8650 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
www.austriamicrosystems.com/AS8650
Revision 1.0
24 - 46
AS8650
Datasheet - Detailed Descr i p ti on
7.13.10 Local Wake_up Flag
The Local Wake_up flag is set when the device detects a local wake-up request on WAKE pin. A local wake-up request is detected when a logic
state change on pin WAKE as shown in Figure 9. This indicates the microcontroller about the local wake event.
7.13.11 OVT_Warning Flag
The OVT_Warning flag is set when temperature exceeds Tjwarn. This indicates the microcontroller about temperature exceeding warning levels.
7.13.12 OVT_Recover Flag
The OVT_Recover flag is set when temperature falls back below Tjrecv. This indicates the microcontroller about temperature falling back below
recovery levels.
7.13.13 Bus Failure Flags
The bus failure flag is set if the CAN Transceiver detects a bus line short-circuit condition to VSUP, V5V_LDO1 or GND. Such possible conditions
are indicated to microcontroller through these flags. All these flags are cleared on microcontroller read. If the fault condition still exist after
microcontroller read, the particular flag is set again. The device still be working in the current state. The microcontroller takes appropriate action
on reading of these flags.
CANH_short_GND. This flag indicates Over Current condition on pin CANH. For example short to ground on pin CANH. When the output
current on pin CANH exceeds the threshold OC_CANH_th then the output OC_CANH switches on high level after a filter time t_OC_CANH.
CANH_short_VSUP. This flag indicates Low Current on pin CANH. For example open load or short to VSUP on pin CANH. When the output
current on pin CANH falls below the threshold LC_CANH_th then the output LC_CANH switches on high level after a filter time t_LC_CANH.
CANL_short_VSUP. This flag indicates Over Current on pin CANL. For example short to VSUP on pin CANL. When the output current on pin
CANL exceeds the threshold OC_CANL_th, then the output OC_CANL switches on high level after a filter time t_OC_CANL.
CANL_short_GND. This flag indicates Low Current on pin CANL. For example open load or short to ground on pin CANL. When the output
current on pin CANL falls the threshold LC_CANL_th then the output LC_CANL switches on high level after a filter time t_LC_CANL.
7.13.14 Local Failure Flags
The AS8650 prevents the system from four kinds of local failures without disturbing the BUS network. The four failures are TxD dominant
clamping, RxD recessive clamping, TxD & RxD short, and bus dominant clamping. All these failures are indicated to microcontroller through
flags.
TxD_Dom_Clamp flag. A permanent LOW-level on pin TxD (due to a hardware or software application failure) would drive the BUS into a
permanent dominant state, blocking BUS network communication. If pin TxD remains at a LOW level for longer than the TxD dominant time-out
period TTxDC(dom), the device disables the transmitter of BUS Transceiver and TxD_Dom_Clamp flag is set. The device prevents such BUS
network lock-up by disabling the transmitter of the Transceiver. The device will not change the functional state. The transmitter remains disabled
until the local failure flag is cleared by host command. The flag is cleared on microcontroller read.
RxD_Rec_Clamp flag. If pin RxD is shorted to VLDO1, the RxD pin is permanently clamped to recessive state. The BUS controller can not
see the bus dominant state and start sending message thinking bus is idle. This disturbs the BUS. This RxD recessive clamping is detected by
the device when BUS is at dominant state. On detection of this a failure RxD_Rec_Clamp flag is set and the transmitter is disabled. The flag is
cleared on microcontroller read. The transmitter is enabled by host command.
TxD_RxD_Short flag. The TxD_RxD short circuit would result in a dead-lock situation clamping the bus dominant. For example the
Transceiver receives a dominant signal, RxD outputs a dominant level. Because of the short circuit, TxD reflects a dominant signal, retaining the
dominant bus state. As a result TxD and the bus are clamped continuously dominant. The resulting effect is the same as for the continuously
clamped dominant TxD signal. The TxD dominant timeout interrupts the deadlock situation by disabling the transmitter and the TxD_RxD short
condition is differentiated. The bus becomes recessive again and TxD will be recessive if it is not driven by microcontroller. However, the failure
scenario may still exist and with the next dominant signal on the bus the described procedure will start again.
The device keeps the transmitter off after detection of TxD_RxD short fault and keeps updating this flag status. The microcontroller has to send
2 consecutive low pulses of duration 500ns with high period of 500ns in-between, in regular intervals to check short circuit recovery. This way a
local TxD/RxD short circuit will not disturb the communication of the remaining bus system.
BUS_Dom_Clamp flag. In the case of a short circuit from BUS to GND, the circuit for the BUS receiver senses dominant signal continuously
even if there is no dominant transmitting node. The result may be a permanently dominant clamped bus. The device detects and reports a Bus
Dominant Clamping situation to microcontroller through BUS_Dom_Clamp flag. If the receiver detects a bus dominant phase of longer than the
bus dominant time out TBUSC(dom) BUS_Dom_Clamp flag is set. The flag is cleared on microcontroller read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com