Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8650 Datasheet(PDF) 36 Page - ams AG

Part # AS8650
Description  High-efficient Power Management Device with High-speed CAN Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8650 Datasheet(HTML) 36 Page - ams AG

Back Button AS8650 Datasheet HTML 32Page - ams AG AS8650 Datasheet HTML 33Page - ams AG AS8650 Datasheet HTML 34Page - ams AG AS8650 Datasheet HTML 35Page - ams AG AS8650 Datasheet HTML 36Page - ams AG AS8650 Datasheet HTML 37Page - ams AG AS8650 Datasheet HTML 38Page - ams AG AS8650 Datasheet HTML 39Page - ams AG AS8650 Datasheet HTML 40Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
www.austriamicrosystems.com/AS8650
Revision 1.0
36 - 46
AS8650
Datasheet - Application In form atio n
1. All values referred to VIHmin and VIlmax levels (see Table 18).
2. A fast mode I2C bus device can be used in Standard mode I2C bus system, but the requirement tSU_DAT ≥ 250ns must then be met.
This will automatically be the case if the device do not stretch the LOW period of the SCLK signal. If such a device does stretch the
LOW period of the SCLK signal, it must output the next data bit to the SDA line trmax. TSU_DAT = 1000 + 250 = 1250ns (according to
standard mode I2C bus specification) before the SCLK line released.
3. The maximum tHD;DAT has only to be met if the device does not stretch the LOW period (tLOW) of the SCLK signal.
4. Cb = total capacitance of one bus line in pF. If mixed with Hs-mode devices, faster fall-times according toTable 18 allowed.
5. This device internally provides a hold time of at least 300ns for the SDA signal to bridge the undefined region of the falling edge of the
SCLK.
Figure 27. Definition of I2C Timing Parameters
tf
Fall time of SDA and SCLK signals
-
300
20+
0.1Cb
(see Footnote 4)
300
ns
tSU_STO
Set-up time for STOP condition
4.0
-
0.6
-
µ
s
tBUF
Bus free time between a STOP and
START condition
4.7
-
1.3
-
µ
s
Cb
Capacitive load for each bus line
-
400
-
400
pF
VnL
Noise margin at the LOW level for each
connected device (including hysteresis)
0.1V*LDO1
-
0.1V*LDO1
-
VnH
Noise margin at the HIGH level for each
connected device (including hysteresis)
0.2V*LDO1
-
0.2V*LDO1
-
Table 19. I2C Timing Parameters
Symbol
Parameter
Standard
Fast
Units
Min
Max
Min
Max
(see Footnote 1)
tLOW
SCLK
SDA
tf
tr
tf
tHIGH
tSU_DAT
S
tHD_STA
tSU_STA
tHD_DAT
tBUF
tr
tSU_STO
Sr
PS
tSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com