Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8650 Datasheet(PDF) 33 Page - ams AG

Part # AS8650
Description  High-efficient Power Management Device with High-speed CAN Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8650 Datasheet(HTML) 33 Page - ams AG

Back Button AS8650 Datasheet HTML 29Page - ams AG AS8650 Datasheet HTML 30Page - ams AG AS8650 Datasheet HTML 31Page - ams AG AS8650 Datasheet HTML 32Page - ams AG AS8650 Datasheet HTML 33Page - ams AG AS8650 Datasheet HTML 34Page - ams AG AS8650 Datasheet HTML 35Page - ams AG AS8650 Datasheet HTML 36Page - ams AG AS8650 Datasheet HTML 37Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
www.austriamicrosystems.com/AS8650
Revision 1.0
33 - 46
AS8650
Datasheet - Application In form atio n
Figure 24. I2C Auto-increment Write Operation
8.2.2 I2C Read Operation
After the START condition, microcontroller has to send, in the first byte, the 7-bit slave address and 0 into the R/W bit as shown in Figure 25. The
microcontroller has to send the address of the register to be written in the second byte. The first 3 MSB bits are reserved and remaining 5 bits are
used as address bits. The data is sent starting from MSB to LSB. After receiving the acknowledgement on the 9th clock pulse, microcontroller
has to send on the SDA line repeated START or STOP, as shown in Figure 25. If microcontroller sends STOP then microcontroller has to send
START again. If microcontroller sends repeated START then there is no need to generate START again. The microcontroller again has to send
the 7-bit slave address and writes 1 into the R/W bit (8th bit). Now AS8650 sends data of the corresponding addressed register in the next eight
clock cycles. In case of single read, microcontroller does not acknowledge on the 9th clock pulse and generates START or STOP condition after
the ninth clock pulse. If it is an auto increment read operation, microcontroller acknowledges on the 9th clock pulse and AS8650 sends data from
the consecutive address locations, see Figure 25. If microcontroller continuously reads then address pointer rolls back to the starting register
address after reaching the last register address. In the data phase MSB is sent first and LSB is sent last. After each data byte, microcontroller
has to send the acknowledgement. The microcontroller can terminate the auto read operation by not generating acknowledgement for the last
byte that was sent by the AS8650 and generates STOP or repeated START condition after the 9th clock pulse.
Figure 25. I2C Read Operation
12
8
9
SCLK
MSB
SDA
Master
transmitter
34
56
7
12
8
9
34
56
7
LSB
12
8
9
34
56
7
A
AA
acknowledge
From slave
acknowledge
From slave
acknowledge
From slave
data to register
S
or
P
data to register + n
R/W
Slave address
S
register address
A0
A1
A2
A3
A4
12
8
9
SCLK
MSB
SDA
34
56
7
12
8
9
34
56
7
LSB
A
A
acknowledge
from slave
acknowledge
from slave
register address
S
or
P
W
Slave address
12
8
9
SCLK
MSB
SDA
34
56
7
12
8
9
34
56
7
LSB
A
A
acknowledge
from slave
acknowledge
from master
Data byte
R
Slave address
0
1
S
S
S
or
P
A0
A1
A2
A3
A4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com