Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9621 Datasheet(PDF) 34 Page - Davicom Semiconductor, Inc.

Part # DM9621
Description  USB2.0 to 10/100M Fast Ethernet Controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9621 Datasheet(HTML) 34 Page - Davicom Semiconductor, Inc.

Back Button DM9621 Datasheet HTML 30Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 31Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 32Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 33Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 34Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 35Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 36Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 37Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 38Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 66 page
background image
DM9621
USB2.0 to Fast Ethernet Controller
Preliminary
34
Version: DM9621 -14-DS-P02
February 23, 2011
symbol decoding functions) bypassed. Transmit functions
( symbol encoder and scrambler) bypassed
0 = Normal operation
12
BP_ADPOK
0, RW
BYPASS ADPOK :
Force signal detector (SD) active. This register is for debug only,
not release to customer.
1=Force SD is OK,
0=Normal operation
11
RESERVED
0, RO
Reserved:
Write as 0, ignore on read.
10
TX
1, RW
100BASE-TX or FX mode control:
1 = 100BASE-TX operation
0 = 100BASE-FX operation
9
RESERVED
0, RO
Reserved
8
RESERVED
0, RO
Reserved:
Write as 0, ignore on read.
7
F_LINK_100
0, RW
Force good link in 100Mbps:
0 = Normal 100Mbps operation
1 = Force 100Mbps good link status
This bit is useful for diagnostic purposes.
6
RESERVED
0, RO
Reserved:
Write as 0, ignore on read.
5
RESERVED
0, RO
Reserved:
Write as 0, ignore on read.
4
RPDCTR-EN
1, RW
Reduced power down control enable:
This bit is used to enable automatic reduced power down.
0 : Disable automatic reduced power down.
1 : Enable automatic reduced power down.
3
SMRST
0, RW
Reset state machine:
When writes 1 to this bit, all state machines of PHY will be reset.
This bit is self-clear after reset is completed.
2
MFPSC
1, RW
MF preamble suppression control:
MII frame preamble suppression control bit
1 = MF preamble suppression bit on
0 = MF preamble suppression bit off
1
SLEEP
0, RW
Sleep mode:
Writing a 1 to this bit will cause PHY entering the Sleep mode and
power down all circuit except oscillator and clock generator circuit.
When waking up from Sleep mode (write this bit to 0), the
configuration will go back to the state before sleep; but the state
machine will be reset
0
Reserved
0, RW
Reserved
Force to 0 in application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com