Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9621 Datasheet(PDF) 54 Page - Davicom Semiconductor, Inc.

Part # DM9621
Description  USB2.0 to 10/100M Fast Ethernet Controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9621 Datasheet(HTML) 54 Page - Davicom Semiconductor, Inc.

Back Button DM9621 Datasheet HTML 50Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 51Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 52Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 53Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 54Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 55Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 56Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 57Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 58Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 66 page
background image
DM9621
USB2.0 to Fast Ethernet Controller
Preliminary
54
Version: DM9621 -14-DS-P02
February 23, 2011
8. DC and AC Electrical Characteristics
8.1 Absolute Maximum Ratings ( 25
°C )
Symbol
Parameter
Min.
Max.
Unit
Conditions
DVDD
Supply Voltage
-0.3
3.6
V
*1
VIN
DC Input Voltage (VIN)
-0.5
5.5
V
*2
VOUT
DC Output Voltage(VOUT)
-0.3
3.6
V
*2
TSTG
Storage Temperature range
-65
+150
°C
-
TA
Ambient Temperature
0
+70
°C
-
LT
Lead Temperature
(LT, soldering, 10 sec.).
-
+260
°C
-
*1: Power pin
*2: IO pin
8.1.1 Operating Conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
DVDD
Supply Voltage
3.135
3.300
3.465
V
100BASE-TX
---
170
---
mA
3.3V
10BASE-T TX
---
190
---
mA
3.3V
10BASE-T idle
---
100
---
mA
3.3V,power
saving
PD
(Power
Dissipation)
USB suspend mode
---
2.48
---
mA
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com