Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9621 Datasheet(PDF) 22 Page - Davicom Semiconductor, Inc.

Part # DM9621
Description  USB2.0 to 10/100M Fast Ethernet Controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9621 Datasheet(HTML) 22 Page - Davicom Semiconductor, Inc.

Back Button DM9621 Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 21Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 22Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 23Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 25Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 26Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 66 page
background image
DM9621
USB2.0 to Fast Ethernet Controller
Preliminary
22
Version: DM9621 -14-DS-P02
February 23, 2011
4.21 TX Special Control Register (2DH)
Bit
Name
Default
Description
7
RESERVED
PH0,RW
Reserved
6
LCOL_TRY
PH0,RW
Late Collision Retry
5
RESERVED
PH0,RW
Reserved
3
RESERVED
PH0,RW
Reserved
3:0
TX_GAP
PH0,RW
TX Inter frame Gap
0XXX: 96-bit
1000: 64-bit
1001: 72-bit
1010: 80-bit
1011: 88-bit
1100: 96-bit
1101: 104-bit
1110:112-bit
1111: 120-bit
4.22 External PHY Force Mode Control Register (2EH)
Bit
Name
Default
Description
7~6
RESERVED
0,RO
Reserved
5
EXTERNAL
HP0,RW
Force to external PHY mode
4
RESERVED
0,RO
Reserved
3
RESERVED
PH0,RW
Reserved
2
SPEED
HP0,RW
Force external PHY speed mode in MAC register 1 bit 7
0: force to 100Mbps mode
1: force to 10Mbps mode
1
DUPLEX
HP0,RW
Force external PHY duplex mode in MAC register 0 bit 3
0: force to full-duplex
1: force to half-duplex
0
LINK
HP0,RW
Force external PHY link mode in MAC register 1 bit 6
0: force to link ON
1: force to link OFF
4.23 Transmit Check Sum Control Register (31H)
Bit
Name
Default
Description
7~3
RESERVED
0,RO
Reserved
2
UDPCSE
HPS0,RW
UDP Checksum Generation Enable
1
TCPCSE
HPS0,RW
TCP Checksum Generation Enable
0
IPCSE
HPS0,RW
IP Checksum Generation Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com