Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9621 Datasheet(PDF) 14 Page - Davicom Semiconductor, Inc.

Part # DM9621
Description  USB2.0 to 10/100M Fast Ethernet Controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9621 Datasheet(HTML) 14 Page - Davicom Semiconductor, Inc.

Back Button DM9621 Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 18Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 66 page
background image
DM9621
USB2.0 to Fast Ethernet Controller
Preliminary
14
Version: DM9621 -14-DS-P02
February 23, 2011
USBDA
USB device address register
F0H
00H
RXC
Received packet counter register
F1H
00H
TXC/USBS
Transmit packet counter/USB status register
F2H
10H
USBC
USB control register
F4H
00H
Key to Default
In the register description that follows, the default column
takes the form:
<Reset Value>, <Access Type>
Where:
<Reset Value>:
1
Bit set to logic one
0
Bit set to logic zero
X
No default value
P = power on reset default value
H = hardware reset command default value
S = software reset default value
E = default value from EEPROM
T = default value from strap pin
<Access Type>:
RO = Read only
RW = Read/Write
R/C = Read and Clear
RW/C1=Read/Write and Cleared by write 1
WO = Write only
Reserved bits are shaded and should be written with 0.
Reserved bits are undefined on read access.
4.1 Network Control Register (00H)
Bit
Name
Default
Description
7
EXT_PHY
PT0,RW
External PHY mode (valid when pin TEST1 tie to ground)
1: Select external PHY
0: select Internal PHY.
This bit can be forced by register 2DH bit 5.
6
WAKEEN
PE0,RW
Wakeup event enable
When set, it enables the wakeup function.
Clearing this bit will also clear all wakeup event status.
5
WCR_MODE
PHS,RW
Write To Clear Mode
When set, the following register bits are cleared by write ‘1” .
Register 1 bit 2 and 3
Register 7
Register 0AH bit 2
Register 82H ~ 86H
4
FCOL
PHS0,RW Force Collision in Loopback Mode
Used for testing only.
3
FDX
PHS0,RW Full-Duplex mode.
1: Full-Duplex mode
0: Half-Duplex mode
Read only in Internal PHY mode.
This bit can be written only in External PHY mode.
This bit can also be forced by register 2EH bit 5 and 1.
2:1
LBK
PH00,RW
Loopback mode
Bit 2 1
0
0
normal
0
1
MAC internal loopback
1
0
internal PHY digital loopback
1
1
internal PHY analog loopback
0
RST
PH0,RW
Software Reset
When write “1” to this bit, DM9621 enters software reset mode and will be
automatically cleared after 10us.
Write “0” to this bit can end the software reset mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com