Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9621 Datasheet(PDF) 35 Page - Davicom Semiconductor, Inc.

Part # DM9621
Description  USB2.0 to 10/100M Fast Ethernet Controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9621 Datasheet(HTML) 35 Page - Davicom Semiconductor, Inc.

Back Button DM9621 Datasheet HTML 31Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 32Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 33Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 34Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 35Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 36Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 37Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 38Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 39Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 66 page
background image
DM9621
USB2.0 to Fast Ethernet Controller
Preliminary
35
Version: DM9621 -14-DS-P02
February 23, 2011
6.9 DAVICOM Specified Configuration and Status Register (DSCSR) – 11H
Bit
Bit Name
Default
Description
15
100FDX
1, RO
100M full duplex operation mode:
After auto-negotiation is completed, results will be written to this bit.
If this bit is 1, it means the operation 1 mode is a 100M full duplex
mode. The software can read bit[15:12] to see which mode is
selected after auto-negotiation. This bit is invalid when it is not in
the auto-negotiation mode.
14
100HDX
1, RO
100M half duplex operation mode:
After auto-negotiation is completed, results will be written to this bit.
If this bit is 1, it means the operation 1 mode is a 100M half duplex
mode. The software can read bit[15:12] to see which mode is
selected after auto-negotiation. This bit is invalid when it is not in
the auto-negotiation mode.
13
10FDX
1, RO
10M full duplex operation mode:
After auto-negotiation is completed, results will be written to this bit.
If this bit is 1, it means the operation 1 mode is a 10M Full Duplex
mode. The software can read bit[15:12] to see which mode is
selected after auto-negotiation. This bit is invalid when it is not in
the auto-negotiation mode.
12
10HDX
1, RO
10M half duplex operation mode:
After auto-negotiation is completed, results will be written to this bit.
If this bit is 1, it means the operation 1 mode is a 10M half duplex
mode. The software can read bit[15:12] to see which mode is
selected after auto-negotiation. This bit is invalid when it is not in
the auto-negotiation mode.
11-9
RESERVED
0, RO
Reserved:
Write as 0, ignore on read
8-4
PHYADR[4:0]
(PHYADR),
RW
PHY address Bit 4:0:
The first PHY address bit transmitted or received is the MSB of the
address (bit 4). A station management entity connected to multiple
PHY entities must know the appropriate address of each PHY.
3-0
ANMB[3:0]
0, RO
Auto-negotiation monitor bits:
These bits are for debug only. The auto-negotiation status will be
written to these bits.
B3 b2 b1 b0
0000
In IDLE state
0001
Ability match
0010
Acknowledge match
0011
Acknowledge match fail
0100
Consistency match
0101
Consistency match fail
0110
Parallel detects signal_link_ready
0111
Parallel detects signal_link_ready fail
1000
Auto-negotiation completed successfully



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com