Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9621 Datasheet(PDF) 44 Page - Davicom Semiconductor, Inc.

Part # DM9621
Description  USB2.0 to 10/100M Fast Ethernet Controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9621 Datasheet(HTML) 44 Page - Davicom Semiconductor, Inc.

Back Button DM9621 Datasheet HTML 40Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 41Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 42Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 43Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 44Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 45Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 46Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 47Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 48Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 66 page
background image
DM9621
USB2.0 to Fast Ethernet Controller
Preliminary
44
Version: DM9621 -14-DS-P02
February 23, 2011
Configuration0 Descriptor/9-Byte
Offset
Field
Size
Value
Description
0
bLength
1
09H
Size of descriptors
1
bDescriptorType
1
02H
CONFIGURATION Descriptor Type
2
wTotalLength
2
0027H Total descriptor length
4
bNumInterfaces
1
01H
Number of interfaces
5
bConfigurationValue
1
01H
Value of this configuration
6
iConfiguration
1
00H
Index of string descriptor for configuration
7
bmAttributes
1
A(8)0H Configuration characteristics
D7:Reserved (set to 1)
D6: Self-powered
D5: Remote WakeUp
0: if REG00H bit 6 is “0”
1: if REG00H bit 6 is “1”
D4: Reserved ( reset to 0)
8
MaxPower
1
3CH
Maximum power, 2mA units (fm EEP)
Interface0 Descriptor/9-Byte
Offset
Field
Size
Value
Description
0
bLength
1
09H
Size of this descriptor
1
bDescriptorType
1
04H
INTERFACE Descriptor Type
2
bInterfaceNumber
1
00H
Number of interface
3
bAlternateSetting
1
00H
Value used to select alternate setting
4
bNumEndpoints
1
03H
Number of ednpoints
5
bInterfaceClass
1
00H
Class code
6
bInterfaceSubClass
1
00H
SunClass code
7
bInterfaceProtocol
1
00H
Protocol code
8
iInterface
1
00H
Index of string for this interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com