Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9621 Datasheet(PDF) 26 Page - Davicom Semiconductor, Inc.

Part # DM9621
Description  USB2.0 to 10/100M Fast Ethernet Controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9621 Datasheet(HTML) 26 Page - Davicom Semiconductor, Inc.

Back Button DM9621 Datasheet HTML 22Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 23Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 25Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 26Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 27Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 28Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 29Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 30Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 66 page
background image
DM9621
USB2.0 to Fast Ethernet Controller
Preliminary
26
Version: DM9621 -14-DS-P02
February 23, 2011
4.39 USB Squelch Control (95H)
Bit
Name
Default
Description
7~2
RESERVED
P0,RO
Reserved
2~0
SQUELCH
P100,RW
Reference voltage for USB squelch circuit
000 for Reference voltage = 27.5mV
100 for Reference voltage = 137.5mV (default)
111 for Reference voltage = 220mV
4.40 USB Address (96H)
Bit
Name
Default
Description
7~0
USB_ADR
P0,RO
USB Address
4.41 USB Device Address Register (F0H)
Bit
Name
Default
Description
7
RESERVED
0,RO
Reserved
6:0
USBFA
0,RO
USB device address
4.42 Receive Packet Counter Register (F1H)
Bit
Name
Default
Description
7:0
RXC
0,RO
RXC is the packet counter received in SRAM
4.43 Transmit Packet Counter/USB Status Register (F2H)
Bit
Name
Default
Description
7
RXFAULT
0,RC
Indicate RX has unexpected condition
6
SUSFLAG
0,RC
Indicate device has suspend condition
5
EP1RDY
0,RO
Indicate there are data ready for read from EP1 pipe
4
RESERVED
0,RO
Reserved
3
BOFAULT
0,RO
Indicate Bulk Out has unexpected condition
2
TXC2
0,RO
Represent there is full in transmit buffer
1
TXC1
0,RO
Represent there is almost full in transmit buffer
0
TXC0
0,RO
Represent there have packets in transmit buffer.
4.44 USB Control Register (F4H)
Bit
Name
Default
Description
7
Reserved
0,RW
Reserved
6
Reserved
0,RW
Reserved
5
EP3ACK
0,RW
When set and EP3_NAK=0, EP3 will always return 8-byte data to host per
interrupt-interval
4
EP3NAK
0,RW
When set, EP3 will always return NAK.
3
Reserved
0,RW
Reserved
2
Reserved
0,RW
Reserved
1
Reserved
0,RW
Reserved
0
MEMTST
0,RW
Before any memory-command, this bit must be set to 1. When in MEM_TST,
TX/RX fifo controller will be flushed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com