Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9621 Datasheet(PDF) 23 Page - Davicom Semiconductor, Inc.

Part # DM9621
Description  USB2.0 to 10/100M Fast Ethernet Controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9621 Datasheet(HTML) 23 Page - Davicom Semiconductor, Inc.

Back Button DM9621 Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 21Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 22Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 23Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 25Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 26Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 27Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 66 page
background image
DM9621
USB2.0 to Fast Ethernet Controller
Preliminary
23
Version: DM9621 -14-DS-P02
February 23, 2011
4.24 Receive Check Sum Control Status Register (32H)
Bit
Name
Default
Description
7
UDPS
HPS0,RO
UDP Checksum Status
0: UDP packet checksum OK, or this is not UDP packet
1: UDP packet checksum error
6
TCPS
HPS0,RO
TCP Checksum Status
0: TCP packet checksum OK, or this is not TCP packet
1: TCP packet checksum error
5
IPS
HPS0,RO
IP Checksum Status
0: IP packet checksum OK, this is not IP packet
1: IP packet checksum error
4
UDPP
HPS0,RO
UDP Packet
3
TCPP
HPS0,RO
TCP Packet
2
IPP
HPS0,RO
IP Packet
1
RCSEN
HPS0,RW Receive Checksum Checking Enable
When set, the checksum status will store in packet first byte of status header in RX
DM9621 mode.
0
DCSE
HPS0,RW Discard Checksum Error Packet
When set, if IP/TCP/UDP checksum field is error, this packet will be discarded.
4.25 External PHYceiver Address Register (33H)
Bit
Name
Default
Description
7
ADR_EN
HPS0,RW
External PHY Address Enabled
When set in external MII mode, the external PHYceiver address is defined at bit
4~0.
6~5
Reserved
HPS0,RO
Reserved
4~0
EPHYADR
HPS01,RW
External PHY Address Bit 4~0
The PHY address in external MII mode.
4.26 General Purpose Control Register 2 (34H)
Bit
Name
Default
Description
7~0
GPC2
HP0,RW
General Purpose Control 2
Define the input mode (“0”,) or output mode (“1”) of pins GP_GRP2.
Where the GP_GRP2 are pins GPIO2 listed in pin description
4.27 General Purpose Register 2 (35H)
Bit
Name
Default
Description
7~0
GPD2
HP0,RW
General Purpose Register 2 Data
When the correspondent bit of General Purpose Control Register 2 is set, i.e.
output mode, the value of the bit is reflected to pins GP_GPR2
When the correspondent bit of General Purpose Control Register 2 is 0, i.e. input
mode, the value of the bit to be read is reflected from correspondent pins
GP_GPR2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com