Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9621 Datasheet(PDF) 56 Page - Davicom Semiconductor, Inc.

Part # DM9621
Description  USB2.0 to 10/100M Fast Ethernet Controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9621 Datasheet(HTML) 56 Page - Davicom Semiconductor, Inc.

Back Button DM9621 Datasheet HTML 52Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 53Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 54Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 55Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 56Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 57Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 58Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 59Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 60Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 66 page
background image
DM9621
USB2.0 to Fast Ethernet Controller
Preliminary
56
Version: DM9621 -14-DS-P02
February 23, 2011
XOST
100TX+/- Differential Voltage Overshoot
0
-
5
%
8.3.2 Oscillator/Crystal Timing
Symbol
Parameter
Min.
Typ
.
Max.
Unit
Conditions
TCKC
OSC Clock Cycle
39.9988
40
40.0012
ns
30ppm
TPWH
OSC Pulse Width High
-
20
-
ns
TPWL
OSC Pulse Width Low
-
20
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com