Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9621 Datasheet(PDF) 10 Page - Davicom Semiconductor, Inc.

Part # DM9621
Description  USB2.0 to 10/100M Fast Ethernet Controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9621 Datasheet(HTML) 10 Page - Davicom Semiconductor, Inc.

Back Button DM9621 Datasheet HTML 6Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 14Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
DM9621
USB2.0 to Fast Ethernet Controller
Preliminary
10
Version: DM9621 -14-DS-P02
February 23, 2011
3.2 48-pin description
I = Input, O = Output, I/O = Input / Output, O/D = Open Drain, P = Power.
Pin No.
Pin Name
Type
Description
RMII Interface
11
TX_EN
O
External RMII Transmit Enable
GPIO2_0 in GPIO mode
12,13
TXD[1:0]
O
External RMII Transmit Data
TXD[1] as GPIO2_1 in GPIO mode
TXD[0] as GPIO2_2 in GPIO mode
14,15
RXD[1:0]
I
External RMII Receive Data
RXD[1] as GPIO2_3 in GPIO mode
RXD[0] as GPIO2_4 in GPIO mode
17
RXDV
I
External RMII Receive Data Valid
GPIO2_5 in GPIO mode
18
MDC
O
MII Serial Management Data Clock
19
MDIO
I/O
MII Serial Management Data
GPIO2_6 in GPIO mode
23
CLK50M
I
RMII 50MHz Clock
GPIO2_7 in GPIO mode
EEPROM Interface
20
EEDIO
I/O
Data to/from EEPROM
21
EECK
O
Clock to EEPROM
22
EECS
O
Chip Select to EEPROM
USB Interface
37
VCC3A
P
3.3V for USB
38
GND
P
Ground for USB
39
RREF
I
Reference resistor to analog USB ground (12K 1% for USB)
40
DM
I/O
USB Data Minus
41
DP
I/O
USB Data Plus
42
VCC33_PLL
P
3.3V for USB PLL
43
GND_PLL
P
Ground for USB PLL
44
VCCOUT
O
1.8V power out for USB
Clock Interface
46
X2
O
Crystal 25MHz Out for Ethernet
47
X1
I
Crystal 25MHz In for Ethernet
35
X1_12M
I
Crystal 12MHz In for USB (Option, used when strap pin 22 EECS
pull-high), Normal N.C. * Note1
36
X2_12M
O
Crystal 12MHz out for USB (Option, used when strap pin 22 EECS
pull-high), Normal N.C. * Note1
* Note1: When strap pin 22 EECS pull-low, 12MHz clock from
internal PLL, detail see 3.3 strap pins table(Page 12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com