Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9621 Datasheet(PDF) 13 Page - Davicom Semiconductor, Inc.

Part # DM9621
Description  USB2.0 to 10/100M Fast Ethernet Controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9621 Datasheet(HTML) 13 Page - Davicom Semiconductor, Inc.

Back Button DM9621 Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 17Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
DM9621
USB2.0 to Fast Ethernet Controller
Preliminary
13
Version: DM9621 -14-DS-P02
February 23, 2011
4. Vendor Control and Status Register Set
The DM9621 implements several control and status
registers, which can be accessed by the USB vendor
register type commands. All CRs are set to their default
values by hardware or software reset unless otherwise
specified.
Register
Description
Offset
Default value
after reset
NCR
Network Control Register
00H
00H
NSR
Network Status Register
01H
00H
TCR
TX Control Register
02H
00H
RCR
RX Control Register
05H
00H
RSR
RX Status Register
06H
00H
ROCR
Receive Overflow Counter Register
07H
00H
BPTR
Back Pressure Threshold Register
08H
37H
FCTR
Flow Control Threshold Register
09H
38H
FCR
RX Flow Control Register
0AH
00H
EPCR
EEPROM & PHY Control Register
0BH
00H
EPAR
EEPROM & PHY Address Register
0CH
40H
EPDRL
EEPROM & PHY Low Byte Data Register
0DH
Unknown
EPDRH
EEPROM & PHY High Byte Data Register
0EH
Unknown
WCR
Wake Up Control Register
0FH
00H
PAR
Physical Address Register
10H-15H
Determined by
EEPROM
MAR
Multicast Address Register
16H-1DH
0000000000000
080
GPCR
General Purpose Control Register
1EH
01H
GPR
General Purpose Register
1FH
Unknown
VID
Vendor ID
28H-29H
0A46H
PID
Product ID
2AH-2BH
9621H
CHIPR
CHIP revision
2CH
01H
TSCR
TX Special Control Register
2DH
00H
TCSCR
Transmit Check Sum Control Register
31H
00H
RCSCSR
Receive Check Sum Control Status Register
32H
00H
GPCR2
General Purpose Control Register 2
34H
00H
GPR2
General Purpose Register 2
35H
00H
EEP_CTRL
EEPROM and PHY Control Register
3AH
00H
PPCSR
Pause Packet Control Status Register
3DH
04H
TX_CTR
Transmit Packet Counter
81H
00H
UPERR
USB Packet Error Counter
82H
00H
CRC_CTR
Ethernet Receive Packet CRC Error Counter
83H
00H
EXCOL_CTR Ethernet Transmit Excessive Collision Counter
84H
00H
COL_CTR
Ethernet Transmit Collision Counter
85H
00H
LCOL_CTR
Ethernet Transmit Late Collision Counter
86H
00H
MODE_CTL
Mode Control
91H
00H
SQUELCH
USB squelch Control
95H
04H
USB_ADR
USB Address
96H
00H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com