Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9621 Datasheet(PDF) 15 Page - Davicom Semiconductor, Inc.

Part # DM9621
Description  USB2.0 to 10/100M Fast Ethernet Controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9621 Datasheet(HTML) 15 Page - Davicom Semiconductor, Inc.

Back Button DM9621 Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 19Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 66 page
background image
DM9621
USB2.0 to Fast Ethernet Controller
Preliminary
15
Version: DM9621 -14-DS-P02
February 23, 2011
4.2 Network Status Register (01H)
Bit
Name
Default
Description
7
SPEED
PHS0,R
W
Media Speed Status
0:100Mbps
1:10Mbps
This bit is no meaning when LINKST=0.
This bit read only in internal PHY mode and it can be written in external PHY mode.
This bit can also be forced by register 2EH bit 5 and 2.
6
LINKST
PHS0,R
O
Link status
0:link failed
1:link OK
This bit read only in internal PHY mode and it can be written in external PHY mode.
This bit can also be forced by register 2EH bit 5 and 0.
5
WAKEST
P0,W/C
1
Wakeup event status.
This bit is set when wakeup event status asserted.
This bit is cleared by write “1” or when wakeup mode disabled.
4
RESERVED
PHS0,R
O
Reserved
3
RESERVED
PHS0,
RW/C1
Reserved
2
RESERVED
PHS0,
RW/C1
Reserved
1
RXOV
PHS0,R
O
RX FIFO Overflow Status
This bit is set when RX FIFO free space is less than 544-byte
This bit be cleared when RX FIFO free space is more than 2K.
0
RXRDY
PHS0,R
O
RX Packet Ready
This bit is set when there are one or more packets in RX FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com