Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9621 Datasheet(PDF) 36 Page - Davicom Semiconductor, Inc.

Part # DM9621
Description  USB2.0 to 10/100M Fast Ethernet Controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9621 Datasheet(HTML) 36 Page - Davicom Semiconductor, Inc.

Back Button DM9621 Datasheet HTML 32Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 33Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 34Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 35Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 36Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 37Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 38Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 39Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 40Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 66 page
background image
DM9621
USB2.0 to Fast Ethernet Controller
Preliminary
36
Version: DM9621 -14-DS-P02
February 23, 2011
6.10 10BASE-T Configuration/Status (10BTCSR) – 12H
Bit
Bit Name
Default
Description
15
RESERVED
0, RO
Reserved:
Write as 0, ignore on read
14
LP_EN
1, RW
Link pulse enable:
1 = Transmission of link pulses enabled
0 = Link pulses disabled, good link condition forced
This bit is valid only in 10Mbps operation.
13
HBE
1,RW
Heartbeat enable:
1 = Heartbeat function enabled
0 = Heartbeat function disabled
When the PHY is configured for full duplex operation, this bit will
be ignored (the collision/heartbeat function is invalid in full duplex
mode).
12
SQUELCH
1, RW
Squelch enable :
1 = normal squelch
0 = low squelch
11
JABEN
1, RW
Jabber Enable:
Enables or disables the Jabber function when the PHY is in
10BASE-T full duplex or 10BASE-T transceiver loopback mode
1 = Jabber function enabled
0 = Jabber function disabled
10-1
RESERVED
0, RO
Reserved:
Write as 0, ignore on read
0
POLR
0, RO
Polarity reversed:
When this bit is set to 1, it indicates that the 10Mbps cable polarity
is reversed. This bit is set and cleared by 10BASE-T module
automatically.
6.11 Power down Control Register (PWDOR) – 13H
Bit
Bit Name
Default
Description
15
-9
Reserved
0, RO
Reserved
Read as 0, ignore on write
8
PD10DRV
0, RW
Vendor power down control test
7
PD100DL
0, RW
Vendor power down control test
6
PDchip
0, RW
Vendor power down control test
5
PDcom
0, RW
Vendor power down control test
4
PDaeq
0, RW
Vendor power down control test
3
PDdrv
0, RW
Vendor power down control test
2
PDedi
0, RW
Vendor power down control test
1
PDedo
0, RW
Vendor power down control test
0
PD10
0, RW
Vendor power down control test
*
When selected, the power down value is control by Register 14H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com