Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9621 Datasheet(PDF) 42 Page - Davicom Semiconductor, Inc.

Part # DM9621
Description  USB2.0 to 10/100M Fast Ethernet Controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9621 Datasheet(HTML) 42 Page - Davicom Semiconductor, Inc.

Back Button DM9621 Datasheet HTML 38Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 39Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 40Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 41Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 42Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 43Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 44Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 45Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 46Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 66 page
background image
DM9621
USB2.0 to Fast Ethernet Controller
Preliminary
42
Version: DM9621 -14-DS-P02
February 23, 2011
7.1.3 Interface 0 Configuration
Definition: len-byte is 64-byte in full speed mode and 256-byte in high speed mode.
1.
Endpoint 1
Type: Bulk In
Packet Padload: len-byte
When host accessing EP1.
If IN-FIFO is full, device will send len-byte data.
If IN-FIFO isn’t full and Ethernet packet isn’t end, device will send a NAK.
If IN-FIFO isn’t full and Ethernet packet is end, device will send the surplus data in IN-FIFO.
Data Format
For 3-byte header mode
Fist byte
: Ethernet Receive Packet Status, the bit format is same as register 6 (RSR)
Second byte : Ethernet Receive Packet byte count low
Third byte
: Ethernet Receive Packet byte count high
The others
: Ethernet Receive Packet Data
For 4-byte header mode
(if pin GPIO2_2 is pull-high)
Fist byte
: Ethernet Receive Packet Checksum Status, the bit[7:2] format is same as register 32H
(RCSCSR)
Second byte
: Ethernet Receive Packet Status, the bit format is same as register 6 (RSR)
Third byte
: Ethernet Receive Packet byte count low
Fourth byte
: Ethernet Receive Packet byte count high
The others
: Ethernet Receive Packet Data
2.
Endpoint 2
Type: Bulk Out
Packet Padload: len-byte
When host accessing EP2.
If OUT-FIFO isn’t full, host sends data, device response ACK.
If OUT-FIFO is full, host sends data, device response NAK.
If host sends data less len-byte or zero byte, it means Ethernet packet end.
Data Format
First byte
: Ethernet Transmit Packet byte count low
Second byte
: Ethernet Transmit Packet byte count high
The others
: Ethernet Transmit Packet data
3.
Endpoint 3
Type: Interrupt In
Packet Load: 8-byte
When host accessing EP3.
If no interrupt condition, device response NAK.
If interrupt condition, device will send content back to host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com