Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9621 Datasheet(PDF) 30 Page - Davicom Semiconductor, Inc.

Part # DM9621
Description  USB2.0 to 10/100M Fast Ethernet Controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9621 Datasheet(HTML) 30 Page - Davicom Semiconductor, Inc.

Back Button DM9621 Datasheet HTML 26Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 27Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 28Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 29Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 30Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 31Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 32Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 33Page - Davicom Semiconductor, Inc. DM9621 Datasheet HTML 34Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 66 page
background image
DM9621
USB2.0 to Fast Ethernet Controller
Preliminary
30
Version: DM9621 -14-DS-P02
February 23, 2011
0 = Normal operation
6-0
RESERVED
0,RO
Reserved:
Write as 0, ignore on read
6.2 Basic Mode Status Register (BMSR) – 01H
Bit
Bit Name
Default
Description
15
100BASE-T4
0,RO/P
100BASE-T4 capable:
1 = Able to perform in 100BASE-T4 mode
0 = Not able to perform in 100BASE-T4 mode
14
100BASE-TX
full duplex
1,RO/P
100BASE-TX full duplex capable:
1 = Able to perform 100BASE-TX in full duplex mode
0 = Not able to perform 100BASE-TX in full duplex mode
13
100BASE-TX
half duplex
1,RO/P
100BASE-TX half duplex capable:
1 = Able to perform 100BASE-TX in half duplex mode
0 = Not able to perform 100BASE-TX in half duplex mode
12
10BASE-T
full duplex
1,RO/P
10BASE-T full duplex capable:
1 = Able to perform 10BASE-T in full duplex mode
0 = Not able to perform 10BASE-TX in full duplex mode
11
10BASE-T
half duplex
1,RO/P
10BASE-T half duplex capable:
1 = Able to perform 10BASE-T in half duplex mode
0 = Not able to perform 10BASE-T in half duplex mode
10-7
RESERVED
0,RO
Reserved:
Write as 0, ignore on read
6
MF preamble
suppression
0,RO
MII frame preamble suppression:
1 = PHY will accept management frames with preamble suppressed
0 = PHY will not accept management frames with preamble
suppressed
5
Auto-negotiation
Complete
0,RO
Auto-negotiation complete:
1 = Auto-negotiation process completed
0 = Auto-negotiation process not completed
4
Remote fault
0,RO/LH
Remote fault:
1 = Remote fault condition detected (cleared on read or by a chip
reset). Fault criteria and detection method is PHY implementation
specific. This bit will set after the RF bit in the ANLPAR (bit 13,
register address 05) is set
0 = No remote fault condition detected
3
Auto-negotiation
ability
1,RO/P
Auto configuration ability:
1 = Able to perform auto-negotiation
0 = Not able to perform auto-negotiation
2
Link status
0,RO/LL
Link status:
1 = Valid link is established (for either 10Mbps or 100Mbps
operation)
0 = Link is not established
The link status bit is implemented with a latching function, so that
the occurrence of a link failure condition causes the link status bit to
be cleared and remain cleared until it is read via the management
interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com